Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS801 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

HTS801 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # HTS801
Download  HTS801 Download
File Size   2108.35 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity and Temperature Sensor for High Humidity and Chemically Polluted Conditions

HTS801 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTS801 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # HTS801
Download  HTS801 Click to download

File Size   2108.35 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity and Temperature Sensor for High Humidity and Chemically Polluted Conditions

HTS801 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


HTS801 Product details

Features
Measurement performance
▪ Highest RH / T accuracy
▪ Working range -80...+180 °C (-112...+356 °F) and
up to 300 bar (4 350 psi)
▪ Designed for chemical contamination and
continuous high humidity conditions
▪ All RH related physical quantities
3.5" TFT colour display
▪ Shows up to 4 measurands simultaneously
USB service interface
▪ Configuration, adjustment and firmware update
▪ Download logged data
▪ 5 status LEDs
Outputs
▪ 2 freely scalable analogue outputs
current / voltage
▪ Error indication according to NAMUR
▪ Modbus RTU / Modbus TCP
▪ 2 alarm outputs
▪ Configurable via software or
push-buttons
RH / T sensing element
▪ Operating modes
▪ Condensation Guard (CG)
▪ High Humidity Guard (H2G)
▪ Automatic ReCovery (ARC)
▪ Protected by:
▪ E+E proprietary coating
▪ Wide choice of filter caps
Sensing Probes
▪ rapidX intelligent pluggable probe with
included sensing element data
▪ Six probes depending on
▪ T range
▪ p range
▪ Environmental condition
▪ Various probe and cable lengths
▪ T28 with specific design for best fit in
high-end radiation shields
▪ Layout and measurands freely selectable
▪ Data logger for 20 000 values per measurand
▪ Logged data shown graphically
▪ Diagnosis functions
▪ Intuitive device setup with push-buttons
Enclosure
▪ IP65 / NEMA 4X protection rating
▪ Polycarbonate or stainless steel
▪ Easy mounting and service
▪ Versatile connection options




Similar Part No. - HTS801

ManufacturerPart #DatasheetDescription
logo
Emerson Electric Co. Al...
HTS84F3AS SOLAHD-HTS84F3AS Datasheet
368Kb / 10P
Non-Ventilated Automation Transformers
HTS84F6AS SOLAHD-HTS84F6AS Datasheet
368Kb / 10P
Non-Ventilated Automation Transformers
HTS84F9AS SOLAHD-HTS84F9AS Datasheet
368Kb / 10P
Non-Ventilated Automation Transformers
HTS85F3AS SOLAHD-HTS85F3AS Datasheet
368Kb / 10P
Non-Ventilated Automation Transformers
HTS85F6AS SOLAHD-HTS85F6AS Datasheet
368Kb / 10P
Non-Ventilated Automation Transformers
More results


Similar Description - HTS801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
E+E Elektronik Ges.m.b....
EE211 EPLUSE-EE211 Datasheet
1Mb / 9P
Humidity and Temperature Sensor for Continuous High Humidity
09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com