Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1784826 Datasheet (PDF) - PHOENIX CONTACT

1784826 Datasheet PDF - PHOENIX CONTACT
Part # 1784826
Download  1784826 Download
File Size   598.23 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 35 HC/ 5-STF-15,00 - PCB connector

1784826 Datasheet (PDF)

Go To PDF Page Download Datasheet
1784826 Datasheet PDF - PHOENIX CONTACT

Part # 1784826
Download  1784826 Click to download

File Size   598.23 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 35 HC/ 5-STF-15,00 - PCB connector

1784826 Datasheet (HTML) - PHOENIX CONTACT


1784826 Product details

PCB connector, nominal cross section: 35 mm2, color: green, nominal current: 125 A, rated
voltage (III/2): 1000 V, contact surface: Silver, contact connection type: Pin, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: IPC 35
HC/..-STF, pitch: 15 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON PC 35, locking: Screw locking mechanism, mounting: Screw flange, type
of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Screwable flange for superior mechanical stability




Similar Part No. - 1784826

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17848 ETC2-17848 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1784800 PHOENIX-1784800 Datasheet
80Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 3-STF-15,00
1784813 PHOENIX-1784813 Datasheet
80Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 4-STF-15,00
1784839 PHOENIX-1784839 Datasheet
515Kb / 16P
IPC 35 HC/ 6-STF-15,00 - PCB connector
1784842 PHOENIX-1784842 Datasheet
71Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 4-STFSH-15,00
More results


Similar Description - 1784826

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1784884 PHOENIX-1784884 Datasheet
77Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 5-STGF-15,00
1762628 PHOENIX-1762628 Datasheet
88Kb / 6P
Printed-circuit board connector - PC 35 HC/ 5-STF-15,00
1762770 PHOENIX-1762770 Datasheet
111Kb / 3P
PC 35 HC/ 5-GF-15,00
1784790 PHOENIX-1784790 Datasheet
80Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 2-STF-15,00
1784800 PHOENIX-1784800 Datasheet
80Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 3-STF-15,00
1784813 PHOENIX-1784813 Datasheet
80Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 4-STF-15,00
1784842 PHOENIX-1784842 Datasheet
71Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 4-STFSH-15,00
1784907 PHOENIX-1784907 Datasheet
70Kb / 5P
Printed-circuit board connector - IPC 35 HC/ 4-STGFSH-15,00
1784949 PHOENIX-1784949 Datasheet
75Kb / 4P
Printed-circuit board connector - IPC 35 HC/ 5-GF-15,00
1784994 PHOENIX-1784994 Datasheet
80Kb / 4P
Printed-circuit board connector - DFK-IPC 35 HC/ 5-GF-15,00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com