Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1132744 Datasheet (PDF) - PHOENIX CONTACT

1132744 Datasheet PDF - PHOENIX CONTACT
Part # 1132744
Download  1132744 Download
File Size   729.63 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P1N8AWB00S - Device connector front mounting

1132744 Datasheet (PDF)

Go To PDF Page Download Datasheet
1132744 Datasheet PDF - PHOENIX CONTACT

Part # 1132744
Download  1132744 Click to download

File Size   729.63 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P1N8AWB00S - Device connector front mounting

1132744 Datasheet (HTML) - PHOENIX CONTACT


1132744 Product details

M23, Device connector front mounting, series: M23 PRO, straight, for standard and ONECLICK
fast locking system, No. of pos.: 12, Direction of rotation: Standard, contact connection type: Pin,
Crimp connection, 4x Ø2,7, flange dimensions: 26 mm x 26 mm, coding: N, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Crimping connection: vibration- and temperature-resistant assembly
• All housing can be fitted with pin or socket contacts
• Safe use in the field, thanks to high degree of protection




Similar Part No. - 1132744

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1132740 PHOENIX-1132740 Datasheet
842Kb / 21P
M23-09S1N8AWB00S - Device connector front mounting
1132741 PHOENIX-1132741 Datasheet
429Kb / 9P
M23-09P1N8AWB00S - Device connector front mounting
1132742 PHOENIX-1132742 Datasheet
754Kb / 19P
M23-12S1N8AWB00S - Device connector front mounting
1132745 PHOENIX-1132745 Datasheet
568Kb / 16P
M23-17S1N8AWB00S - Device connector front mounting
More results


Similar Description - 1132744

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628834 PHOENIX-1628834 Datasheet
654Kb / 14P
M23-5ES198AW500S - Device connector front mounting
1628484 PHOENIX-1628484 Datasheet
601Kb / 15P
M23-7EP198AA600S - Device connector front mounting
1628486 PHOENIX-1628486 Datasheet
620Kb / 16P
M23-7EP198AA500S - Device connector front mounting
1628487 PHOENIX-1628487 Datasheet
589Kb / 14P
M23-5EP198AA500S - Device connector front mounting
1628492 PHOENIX-1628492 Datasheet
723Kb / 18P
M23-17P1N8AA600S - Device connector front mounting
1628496 PHOENIX-1628496 Datasheet
725Kb / 19P
M23-17P1N8AA500S - Device connector front mounting
1628776 PHOENIX-1628776 Datasheet
636Kb / 13P
M23-5EP198AW600S - Device connector front mounting
1628777 PHOENIX-1628777 Datasheet
675Kb / 16P
M23-7EP198AW500S - Device connector front mounting
1629088 PHOENIX-1629088 Datasheet
785Kb / 19P
M23-12P1N8AW500S - Device connector front mounting
1628833 PHOENIX-1628833 Datasheet
677Kb / 16P
M23-7ES198AW500S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com