Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1618702 Datasheet (PDF) - PHOENIX CONTACT

1618702 Datasheet PDF - PHOENIX CONTACT
Part # 1618702
Download  1618702 Download
File Size   364.15 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-5EP1N8A9K03S - Coupler connector

1618702 Datasheet (PDF)

Go To PDF Page Download Datasheet
1618702 Datasheet PDF - PHOENIX CONTACT

Part # 1618702
Download  1618702 Click to download

File Size   364.15 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-5EP1N8A9K03S - Coupler connector

1618702 Datasheet (HTML) - PHOENIX CONTACT


1618702 Product details

Coupler connector, straight, for standard and SPEEDCON interlock, M17, number of positions:
5+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable diameter
range: 5 mm ... 9.2 mm, number of positions: 6, connection method: Crimp connection, series:
ST, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1243287

Your advantages
• Reduced size: ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1618702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618701 PHOENIX-1618701 Datasheet
363Kb / 11P
ST-5EP1N8A9K04S - Coupler connector
1618703 PHOENIX-1618703 Datasheet
364Kb / 11P
ST-5EP1N8A9K02S - Coupler connector
1618704 PHOENIX-1618704 Datasheet
397Kb / 9P
ST-6EP1N8A9K02S - Coupler connector
1618705 PHOENIX-1618705 Datasheet
459Kb / 12P
ST-6EP1N8A9K03S - Coupler connector
1618706 PHOENIX-1618706 Datasheet
469Kb / 12P
ST-6EP1N8A9K04S - Coupler connector
More results


Similar Description - 1618702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618706 PHOENIX-1618706 Datasheet
469Kb / 12P
ST-6EP1N8A9K04S - Coupler connector
1618714 PHOENIX-1618714 Datasheet
470Kb / 12P
ST-7EP1N8A9K04S - Coupler connector
1624548 PHOENIX-1624548 Datasheet
583Kb / 15P
ST-6EP1N8A9005S - Coupler connector
1607741 PHOENIX-1607741 Datasheet
587Kb / 16P
ST-7EP1N8A9003S - Coupler connector
1613625 PHOENIX-1613625 Datasheet
634Kb / 18P
ST-8ES1N8A9003S - Coupler connector
1617799 PHOENIX-1617799 Datasheet
467Kb / 12P
ST-08P1N8A9K02S - Coupler connector
1618696 PHOENIX-1618696 Datasheet
472Kb / 12P
ST-5ES1N8A9K02S - Coupler connector
1607671 PHOENIX-1607671 Datasheet
577Kb / 15P
ST-3EP1N8A9004S - Coupler connector
1619015 PHOENIX-1619015 Datasheet
504Kb / 12P
ST-08S1N8A9003S - Coupler connector
1618710 PHOENIX-1618710 Datasheet
465Kb / 12P
ST-6ES1N8A9K04S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com