Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS136ECP-4 Datasheet (PDF) - EMP-Centauri s.r.o.

MS136ECP-4 Datasheet PDF - EMP-Centauri s.r.o.
Part # MS136ECP-4
Download  MS136ECP-4 Download
File Size   523.2 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Multiswitch 13in / 6out

MS136ECP-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS136ECP-4 Datasheet PDF - EMP-Centauri s.r.o.

Part # MS136ECP-4
Download  MS136ECP-4 Click to download

File Size   523.2 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Multiswitch 13in / 6out

MS136ECP-4 Datasheet (HTML) - EMP-Centauri s.r.o.


MS136ECP-4 Product details

Brief description:
13in/6out standalone multiswitch for
distribution of 12 SAT IF signals including
passive terrestrial for up to 6 users.
The multiswitch is DC supplied from
connected satellite receivers, DC2.1 socket
for external power is connected to all
satellite inputs.
Power supply PA12 2A is included in the
package.




Similar Part No. - MS136ECP-4

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS136-A MICRO-ELECTRONICS-MS136-A Datasheet
90Kb / 2P
LED SINGLE DIGIT DISPLAY
MS136-C MICRO-ELECTRONICS-MS136-C Datasheet
90Kb / 2P
LED SINGLE DIGIT DISPLAY
logo
EMP-Centauri s.r.o.
MS1360EEU-13 EMP-CENTAURI-MS1360EEU-13 Datasheet
684Kb / 1P
Multiswitch 13in / 60out
MS136NEU-4 EMP-CENTAURI-MS136NEU-4 Datasheet
542Kb / 1P
EoC Multiswitch 13in / 6out
MS136PIU-6 EMP-CENTAURI-MS136PIU-6 Datasheet
164Kb / 1P
Multiswitch 13in / 6out
More results


Similar Description - MS136ECP-4

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com