| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8536SCO3V02H31S
|
133Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, up to 100kA SCCR, 3 phase, 3 pole, Motor Logic, 120VAC coil, open
Jun 30, 2022 |
|
8536SCO3V06H30
|
134Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, up to 100kA SCCR, 3 phase, 3 pole, Motor Logic, 480VAC coil, open
Jun 30, 2022 |
|
8536SCA3V03
|
123Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 240 VAC coil, NEMA 12
Jul 4, 202 |
|
8536SCO3V01S
|
133Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, 5kA SCCR, 3 phase, 3 pole, melting alloy, 24VAC coil, open
Jul 4, 2022 |
|
8536SCA3V01S
|
122Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 24 VAC coil, NEMA 12
Jul 13, 2022 |
|
8536SCA3V03A
|
124Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 240 VAC coil, NEMA 12
Jul 13, 2022 |
|
8536SCA3V81CFF4P1T
|
122Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 12
Jul 21, 2022 |
|
8536SCA3V81CFF4T
|
123Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 12
Jul 21, 2022 |
|
8538SCA21V02S
|
104Kb / 2P |
NEMA Combination Starter, Type S, nonfusible disconnect, Size 1, 27A, 10HP at 600VAC, 3 phase, 3 pole, melting alloy, 120VAC coil, NEMA 12
Sep 15, 2023 |
|
8538SCG34V81CFF4T
|
108Kb / 2P |
NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 10HP at 600VAC, 3 phase, 3 pole, melting alloy, 120VAC coil, NEMA 1
Sep 15, 2023 |
|