Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A21+1ECT Datasheet (PDF) - EMP-Centauri s.r.o.

A21+1ECT Datasheet PDF - EMP-Centauri s.r.o.
Part # A21+1ECT
Download  A21+1ECT Download
File Size   579.55 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Amplifier 5in / 2out

A21+1ECT Datasheet (PDF)

Go To PDF Page Download Datasheet
A21+1ECT Datasheet PDF - EMP-Centauri s.r.o.

Part # A21+1ECT
Download  A21+1ECT Click to download

File Size   579.55 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Amplifier 5in / 2out

A21+1ECT Datasheet (HTML) - EMP-Centauri s.r.o.


A21+1ECT Product details

Brief description:
2in/1out terrestrial multiband amplifier,
remote powering via output coaxial cable.
Separate inputs for FM & UHF subbands.




Similar Part No. - A21+1ECT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A21 DYELEC-A21 Datasheet
1Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A21-1 MA-COM-A21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1-SMA21-1 MA-COM-A21-1-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A21+1ECT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
Amplifier
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800_14 Datasheet
1Mb / 12P
AMPLIFIER
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
logo
Neutrik AG
NA2-IO-DPRO NEUTRIK-NA2-IO-DPRO Datasheet
2Mb / 3P
The NA2-IO-DPRO is a 2IN, 2OUT breakout box designed to connect legacy audio equipment with the Dante network.
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
AMPLIFIER/DOUBLER/AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com