Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1050766 Datasheet (PDF) - PHOENIX CONTACT

1050766 Datasheet PDF - PHOENIX CONTACT
Part # 1050766
Download  1050766 Download
File Size   189.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-C3M-C-6-R3000 - Crimp contact

1050766 Datasheet (PDF)

Go To PDF Page Download Datasheet
1050766 Datasheet PDF - PHOENIX CONTACT

Part # 1050766
Download  1050766 Click to download

File Size   189.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-C3M-C-6-R3000 - Crimp contact

1050766 Datasheet (HTML) - PHOENIX CONTACT


1050766 Product details

Crimp contact, Range of articles: Sunclix, color: silver, number of positions: 1, min. conductor
cross section: 6 mm2, max. conductor cross section: 6 mm2, rated current: 40 A, Connection
method: Crimp, Contact connection type: Pin. Crimping recommendation: Crimp the conductor
with the crimp contact in accordance with IEC 60352

Your advantages
• High-quality materials ensure a high degree of reliability and long-term stability
• Maximum system efficiency with proven, low-loss SUNCLIX contacts
• International approvals enable worldwide use




Similar Part No. - 1050766

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
logo
SICK AG
1050765 SICK-1050765 Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
logo
PHOENIX CONTACT
1050767 PHOENIX-1050767 Datasheet
188Kb / 6P
PV-C3F-C-6-R3000 - Crimp contact
logo
SICK AG
1050768 SICK-1050768 Datasheet
2Mb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
logo
PHOENIX CONTACT
1050768 PHOENIX-1050768 Datasheet
189Kb / 6P
PV-C3M-C-2,5-4-R3000 - Crimp contact
More results


Similar Description - 1050766

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1704927 PHOENIX-1704927 Datasheet
73Kb / 5P
Crimp contact - PV-FT-CCM-2,5-4-R1000
1704928 PHOENIX-1704928 Datasheet
72Kb / 4P
Crimp contact - PV-FT-CCM-6-R1000
1704930 PHOENIX-1704930 Datasheet
79Kb / 5P
Crimp contact - PV-FT-CCF-2,5-4-R1000
1704931 PHOENIX-1704931 Datasheet
78Kb / 4P
Crimp contact - PV-FT-CCF-6-R1000
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
logo
HARTING Technology Grou...
09-32-200-6118 HARTING-09-32-200-6118 Datasheet
461Kb / 2P
Han C M crimp contact 6 mm짼 Au/HMC
logo
PHOENIX CONTACT
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com