Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97652 Datasheet (PDF) - Intersil Corporation

ISL97652 Datasheet PDF - Intersil Corporation
Part # ISL97652
Download  ISL97652 Download
File Size   717.84 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel Integrated LCD Supply with Dual VCOM Amplifiers

ISL97652 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97652 Datasheet PDF - Intersil Corporation

Part # ISL97652
Download  ISL97652 Click to download

File Size   717.84 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel Integrated LCD Supply with Dual VCOM Amplifiers

ISL97652 Datasheet (HTML) - Intersil Corporation


ISL97652 Product details

The ISL97652 represents a high power, integrated LCD supply IC targeted at large panel LCD displays. The ISL97652 integrates a high power, boost converter for AVDD generation, delay switch, regulated VON and VOFF charge pumps, VON slicing circuitry, a buck regulator for logic supply generation and dual high power VCOM amplifiers.



Features

• 8V to 15V input supply

• AVDD boost up to 19.5V (OVP threshold), with integrated 2.8APEAK FET

• Overvoltage protection (OVP)

• 2A integrated AVDD delay FET, with short circuit protection

• Dual charge pump controllers for VON and VOFF

• VLOGIC buck with integrated 2.5APEAK FET

• VON slicing

• Dual high speed VCOM amplifiers

• 650kHz/1.3MHz switching frequency

• Integrated sequencing

• UVLO and OTP protection

• Thermally enhanced 7x7 QFN package

• Pb-free (RoHS compliant)



Applications

• LCD-TVs (up to 40”)

• Industrial/medical LCD displays



 




Similar Part No. - ISL97652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652 INTERSIL-ISL97652 Datasheet
677Kb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
November 2, 2007
logo
Renesas Technology Corp
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ INTERSIL-ISL97652IRZ Datasheet
677Kb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
November 2, 2007
logo
Renesas Technology Corp
ISL97652IRZ RENESAS-ISL97652IRZ Datasheet
1Mb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ-T INTERSIL-ISL97652IRZ-T Datasheet
677Kb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
November 2, 2007
More results


Similar Description - ISL97652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
4-Channel Integrated LCD Supply
November 28, 2006
ISL97652 INTERSIL-ISL97652_07 Datasheet
677Kb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
November 2, 2007
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
4-Channel Integrated LCD Supply
April 17, 2009
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
4-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com