Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1619765 Datasheet (PDF) - PHOENIX CONTACT

1619765 Datasheet PDF - PHOENIX CONTACT
Part # 1619765
Download  1619765 Download
File Size   584.01 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-09P1N8A80DN - Cable connector

1619765 Datasheet (PDF)

Go To PDF Page Download Datasheet
1619765 Datasheet PDF - PHOENIX CONTACT

Part # 1619765
Download  1619765 Click to download

File Size   584.01 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-09P1N8A80DN - Cable connector

1619765 Datasheet (HTML) - PHOENIX CONTACT


1619765 Product details

M23, Cable connector, series: CA, straight, shielded: yes, Screw locking mechanism, No. of pos.
: 8+1, Direction of rotation: Standard, contact connection type: Pin, Crimp connection, cable
diameter range: 3 mm ... 14.5 mm, coding: N, Alternative product in accordance with RoHS II
without Exemption 6c (Pb <0.1%) item no.: 1243817

Your advantages
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable transmission of signals
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1619765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619760 PHOENIX-1619760 Datasheet
439Kb / 13P
CA-16S1N1280DN - Cable connector
1619761 PHOENIX-1619761 Datasheet
597Kb / 16P
CA-12P1N8A80DN - Cable connector
1619762 PHOENIX-1619762 Datasheet
555Kb / 16P
CA-12S1N8A80DN - Cable connector
1619763 PHOENIX-1619763 Datasheet
291Kb / 6P
Cable connector - CA-12P1N1280DN
1619764 PHOENIX-1619764 Datasheet
276Kb / 6P
Cable connector - CA-12S1N1280DN
More results


Similar Description - 1619765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com