Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1682728 Datasheet (PDF) - PHOENIX CONTACT

1682728 Datasheet PDF - PHOENIX CONTACT
Part # 1682728
Download  1682728 Download
File Size   584.21 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 1,5-PUR SH - Sensor/actuator cable

1682728 Datasheet (PDF)

Go To PDF Page Download Datasheet
1682728 Datasheet PDF - PHOENIX CONTACT

Part # 1682728
Download  1682728 Click to download

File Size   584.21 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 1,5-PUR SH - Sensor/actuator cable

1682728 Datasheet (HTML) - PHOENIX CONTACT


1682728 Product details

Sensor/actuator cable, 5-position halogen-free, shielded, Plug straight M12, coding: A, on free
cable end, cable length: 1.5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1682728

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682728 ETC2-1682728 Datasheet
103Kb / 3P
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
More results


Similar Description - 1682728

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400794 PHOENIX-1400794 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/1,5-PUR/AD-2L
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1476899 PHOENIX-1476899 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476903 PHOENIX-1476903 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476893 PHOENIX-1476893 Datasheet
2Mb / 8P
SAC-5P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1224249 PHOENIX-1224249 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com