Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1408845 Datasheet (PDF) - PHOENIX CONTACT

1408845 Datasheet PDF - PHOENIX CONTACT
Part # 1408845
Download  1408845 Download
File Size   553.49 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 5,0-PUR/M12FSS PE - Power cable

1408845 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408845 Datasheet PDF - PHOENIX CONTACT

Part # 1408845
Download  1408845 Click to download

File Size   553.49 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 5,0-PUR/M12FSS PE - Power cable

1408845 Datasheet (HTML) - PHOENIX CONTACT


1408845 Product details

Power cable, 4-position halogen-free, free cable end, on Socket straight M12, coding: S, cable
length: 5 m, for AC current up to 12 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1408845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408840 PHOENIX-1408840 Datasheet
598Kb / 18P
SAC-4P-M12MRS/ 2,0-PUR PE - Power cable
1408841 PHOENIX-1408841 Datasheet
598Kb / 18P
SAC-4P-M12MRS/ 5,0-PUR PE - Power cable
1408842 PHOENIX-1408842 Datasheet
591Kb / 18P
SAC-4P-M12MRS/10,0-PUR PE - Power cable
1408843 PHOENIX-1408843 Datasheet
553Kb / 18P
SAC-4P- 1,0-PUR/M12FSS PE - Power cable
1408844 PHOENIX-1408844 Datasheet
553Kb / 18P
SAC-4P- 2,0-PUR/M12FSS PE - Power cable
More results


Similar Description - 1408845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415198 PHOENIX-1415198 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1681800 PHOENIX-1681800 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-4P-M 8MS/5,0-PUR
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1476846 PHOENIX-1476846 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com