Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC21C12 Datasheet (PDF) - Texas Instruments

AMC21C12 Datasheet PDF - Texas Instruments
Part # AMC21C12
Download  AMC21C12 Download
File Size   1532.15 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function

AMC21C12 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC21C12 Datasheet PDF - Texas Instruments

Part # AMC21C12
Download  AMC21C12 Click to download

File Size   1532.15 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function

AMC21C12 Datasheet (HTML) - Texas Instruments


AMC21C12 Product details

1 Features
• Wide high-side supply range: 3 V to 27 V
• Low-side supply range: 2.7 V to 5.5 V
• Adjustable threshold:
– Window-comparator mode: ±20 mV to ±300 mV
– Positive-comparator mode: 600 mV to 2.7 V
• Reference for threshold adjustment: 100 μA, ±1%
• Trip threshold error: ±1% (max) at 250 mV
• Open-drain output with optional latch mode
• Propagation delay: 280 ns (typ)
• High CMTI: 55 V/ns (min)
• Functional Isolation:
– Working voltage: 200 VRMS, 280 VDC
– Transient overvoltage (60 s): 570 VRMS, 800
VDC
• Small, 0.65-mm pitch, leadless package with 1-mm
creepage and clearance
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Overcurrent or overvoltage detection in:
– Telecom power supplies
– Analog I/O modules
– Motor drives
– Frequency inverters

3 Description
The AMC21C12 is an isolated window comparator
with a short response time. The open-drain output
is galvanically isolated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. The isolation barrier supports a working
voltage up to 200 VRMS or 280 VDC and transient over
voltages of up to 570 VRMS or 800 VDC.
The comparison window is centered at 0 V, meaning
that the comparator trips if the absolute value of the
input voltage exceeds the trip threshold value. The
trip threshold is adjustable from 20 mV to 300 mV
through a single external resistor and, therefore, the
comparison window ranges from ±20 mV to ±300
mV. When the voltage on the REF pin is greater
than 550 mV, the negative comparator is disabled
and only the positive comparator is functional. The
reference voltage in this mode can be as high as
2.7 V. This mode is particularly useful for monitoring
voltage supplies.
The open-drain output on the device supports
transparent mode (LATCH input tied to GND2) where
the output follows the input state, or latch mode,
where the output is cleared on the falling edge of the
latch input signal.
The AMC21C12 is available in an 8-pin, 0.65-mm
pitch VSON package and is specified over the
extended industrial temperature range of –40°C to
+125°C.




Similar Part No. - AMC21C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
More results


Similar Description - AMC21C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC22C12-Q1 TI-AMC22C12-Q1_V01 Datasheet
2Mb / 46P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12_V01 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com