Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1050771 Datasheet (PDF) - PHOENIX CONTACT

1050771 Datasheet PDF - PHOENIX CONTACT
Part # 1050771
Download  1050771 Download
File Size   255.24 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-C1F-C-HSG - Photovoltaic connector

1050771 Datasheet (PDF)

Go To PDF Page Download Datasheet
1050771 Datasheet PDF - PHOENIX CONTACT

Part # 1050771
Download  1050771 Click to download

File Size   255.24 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-C1F-C-HSG - Photovoltaic connector

1050771 Datasheet (HTML) - PHOENIX CONTACT


1050771 Product details

Photovoltaic connector, Range of articles: Sunclix, housing material: PPE, color: black, number
of positions: 1, min. conductor cross section: 2.5 mm2, max. conductor cross section: 6 mm2,
rated voltage: 1500 V DC, rated current: 40 A, Connection method: Crimp, Contact connection
type: Socket, min. cable diameter: 5 mm, max. cable diameter: 8 mm

Your advantages
• Crimp connection technology for automated assembly processes
• High yield, thanks to silver-plated contacts
• International approvals in accordance with IEC and UL enable worldwide use
• Unique SUNCLIX pin connector pattern




Similar Part No. - 1050771

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050770 PHOENIX-1050770 Datasheet
255Kb / 10P
PV-C1M-C-HSG - Photovoltaic connector
logo
Molex Electronics Ltd.
1050770001 MOLEX11-1050770001 Datasheet
134Kb / 3P
2.00mm (.079") Pitch Compression Battery Connector, SMT, 4 Circuits, Lead-free
logo
PHOENIX CONTACT
1050774 PHOENIX-1050774 Datasheet
83Kb / 3P
ZBM 5:SO/CMS
More results


Similar Description - 1050771

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1704925 PHOENIX-1704925 Datasheet
61Kb / 3P
Photovoltaic connector - PV-FT-C2M-HSG
1704926 PHOENIX-1704926 Datasheet
55Kb / 3P
Photovoltaic connector - PV-FT-C2F-HSG
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1789821 PHOENIX-1789821 Datasheet
68Kb / 3P
Connector - PV-C1F-S 2,5-6 ()
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
Photovoltaic connector - PV-CF-C-HSG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com