Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES11A10 Datasheet (PDF) - Texas Instruments

RES11A10 Datasheet PDF - Texas Instruments
Part # RES11A10
Download  RES11A10 Download
File Size   3329.12 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description RES11A Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs

RES11A10 Datasheet (PDF)

Go To PDF Page Download Datasheet
RES11A10 Datasheet PDF - Texas Instruments

Part # RES11A10
Download  RES11A10 Click to download

File Size   3329.12 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description RES11A Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs

RES11A10 Datasheet (HTML) - Texas Instruments


RES11A10 Product details

1 Features
• Wide temperature range: –40°C to +125°C
• High ratio matching precision: ±0.05 % (maximum)
• Low drift: ±2 ppm/°C TCR (maximum)

2 Applications
• Precision voltage divider, precision level translation
• Gain and attenuating amplifiers
• Difference amplifiers with high CMRR
• Discrete instrumentation amps with high gain
accuracy
• Fully differential amplifiers with high gain accuracy
• Pinpoint comparator threshold setting

3 Description
The RES11A is a matched pair of resistive dividers,
implemented in thin-film SiCr with Texas Instruments'
modern, high-performance, analog CMOS process.
The device has a nominal input resistance of 1 kΩ,
for low thermal and current noise, and is available
in several nominal ratios to meet a wide array
of system needs. Use the RES11A in an inverse
gain configuration by simply rotating the device
placement by 180°. This feature supports layout
reuse and increases flexibility for applications such
as discrete instrumentation or difference amplifier
implementations.
The RES11A series features high ratio-matching
precision, with the measured ratio of each divider
within ±120 ppm (typical) of the nominal. This
precision is maintained over the temperature range,
with a maximum ratio drift of only ±2 ppm/°C.
Additionally, the biased long-term stability of
the device has been proven through thorough
characterization.
The RES11A is specified with a temperature range
from –40°C to +125°C. The device is offered in an
8‑pin, SOT‑23-THIN package, with a body size of
2.9 mm × 1.6 mm (body size is a nominal value and
does not include pins).




Similar Part No. - RES11A10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RES11A10 TI2-RES11A10 Datasheet
4Mb / 56P
RES11A Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
REVISED OCTOBER 2025
RES11A10-Q1 TI-RES11A10-Q1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
RES11A10-Q1 TI2-RES11A10-Q1 Datasheet
4Mb / 56P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
REVISED OCTOBER 2025
RES11A10DDFR TI2-RES11A10DDFR Datasheet
4Mb / 56P
RES11A Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
REVISED OCTOBER 2025
RES11A10QDDFRQ1 TI2-RES11A10QDDFRQ1 Datasheet
4Mb / 56P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
REVISED OCTOBER 2025
More results


Similar Description - RES11A10

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
03-Dec-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
Thin Film Microwave Resistor
18-Apr-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Texas Instruments
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com