Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA310 Datasheet (PDF) - Texas Instruments

OPA310 Datasheet PDF - Texas Instruments
Part # OPA310
Download  OPA310 Download
File Size   2899.8 Kbytes
Page   46 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown

OPA310 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA310 Datasheet PDF - Texas Instruments

Part # OPA310
Download  OPA310 Click to download

File Size   2899.8 Kbytes
Page   46 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx310-Q1 Automotive High Output Current, 5-V, RRIO, 3MHz Operational Amplifier with Shutdown

OPA310 Datasheet (HTML) - Texas Instruments


OPA310 Product details

1 Features
• High output current: ±150mA typical ISC at 5.5V
• Fast enable from shutdown: 0.9μs typical
• Wide operational supply voltage: 1.5V to 5.5V
• Low input offset voltage: ±250μV typical
• Fail-safe inputs: No diode from inputs to V+
• Optimized quiescent current: 165μA/ch typical
• Rail-to-rail input and output
• Gain bandwidth product: 3MHz typical at 5.5V
• Thermal noise floor: 16nV/√Hz typical
• Unity-gain stable
• Drives up to 250pF without sustained oscillations
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Traction inverter
• Battery management systems (BMS)
• On-board charger (OBC) and wireless charger
• HEV/EV DC/DC converter
• Body electronics and lighting

3 Description
The OPAx310-Q1 family of op amps includes single
(OPA310-Q1), dual (OPA2310-Q1), and quad-channel
(OPA4310-Q1), low-voltage (1.5V to 5.5V), high
output current operational amplifiers (op amps) with
rail-to-rail input and output swing capabilities. The
OPAx310-Q1S also features a very fast shutdown
response and has a typical enable time of 0.9μs
that allows for power savings when the application
involves duty cycling the amplifier signal chain.
OPAx310-Q1 family has a robust ESD performance
with fail safe input ESD structure where there are no
diodes connected from inputs to the positive power
supply rail.
OPAx310-Q1 is offered in power pad, standard, small
size package variants and has an internal current limit
protection, thermal shutdown protection that enables
additional robustness when operating with high output
current. OPAx310-Q1 can swing very close to the
rails and has a short-circuit current of 75mA minimum
across temperature at 5.5-V power supply. Additional
output current capability can be achieved by carefully
connecting multiple op amps in parallel. OPAx310-Q1
devices are an excellent choice for LED driver and
other high current applications and can also be used
as a reference buffer, guard amplifier, or as a discrete
LDO.
The robust design of the OPAx310-Q1 family
simplifies circuit design. These op amps feature an
integrated RFI and EMI rejection filter with no-phase
reversal in input overdrive conditions. These devices
also deliver excellent AC performance with a gain
bandwidth of 3 MHz and can drive up to 250pF of
capacitor load with no sustained oscillations, enabling
designers to achieve both improved performance and
a lower-power consumption.




Similar Part No. - OPA310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310 Datasheet
4Mb / 55P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results


Similar Description - OPA310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310_V01 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310_V02 Datasheet
4Mb / 55P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPA310 TI-OPA310_V03 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310_V04 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V05 Datasheet
4Mb / 60P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V06 Datasheet
5Mb / 68P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com