Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1150674 Datasheet (PDF) - PHOENIX CONTACT

1150674 Datasheet PDF - PHOENIX CONTACT
Part # 1150674
Download  1150674 Download
File Size   247.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 5-CA-F-H07-4-5,0 - Connecting cable

1150674 Datasheet (PDF)

Go To PDF Page Download Datasheet
1150674 Datasheet PDF - PHOENIX CONTACT

Part # 1150674
Download  1150674 Click to download

File Size   247.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 5-CA-F-H07-4-5,0 - Connecting cable

1150674 Datasheet (HTML) - PHOENIX CONTACT


1150674 Product details

Connecting cable, Range of articles: PRC 35, housing material: PPE, color: black, number of
positions: 5, rated voltage: 690 V AC, rated current: 32 A, Connection method: Screw
connection, Contact connection type: Socket. This item is also available with other cable lengths.
For your specific requirements, please contact your local PHOENIX CONTACT subsidiary.

Your advantages
• Time savings of 80% for startup with Plug and Play
• Locking mechanism can be unlocked manually or using a tool
• Suitable for applications in atmospheres containing salt and in direct sunlight
• Ideal for indoor and outdoor use due to weatherproof materials




Similar Part No. - 1150674

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1150675 PHOENIX-1150675 Datasheet
249Kb / 8P
PRC 5-CA-F-H07-4-2,5 - Connecting cable
1150676 PHOENIX-1150676 Datasheet
335Kb / 4P
Connecting cable - PRC 5-CA-F-H07-4-1,0
01/21/2022
1150677 PHOENIX-1150677 Datasheet
235Kb / 7P
PRC 5-CA-M-H07-4-5,0 - Connecting cable
1150678 PHOENIX-1150678 Datasheet
235Kb / 7P
PRC 5-CA-M-H07-4-2,5 - Connecting cable
1150679 PHOENIX-1150679 Datasheet
353Kb / 3P
Connecting cable - PRC 5-CA-M-H07-4-1,0
01/21/2022
More results


Similar Description - 1150674

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409236 PHOENIX-1409236 Datasheet
54Kb / 2P
Protective cap - PRC COVER F
logo
WAGO Kontakttechnik Gmb...
756-3204-190-050 WAGO-756-3204-190-050 Datasheet
118Kb / 4P
Connecting cable; 19-pole; Length: 5 m
logo
PHOENIX CONTACT
1150676 PHOENIX-1150676 Datasheet
335Kb / 4P
Connecting cable - PRC 5-CA-F-H07-4-1,0
01/21/2022
1150679 PHOENIX-1150679 Datasheet
353Kb / 3P
Connecting cable - PRC 5-CA-M-H07-4-1,0
01/21/2022
1150680 PHOENIX-1150680 Datasheet
353Kb / 4P
Connecting cable - PRC 5-CA-MF-H07-4-20,0
01/21/2022
1150681 PHOENIX-1150681 Datasheet
353Kb / 4P
Connecting cable - PRC 5-CA-MF-H07-4-10,0
01/21/2022
1150693 PHOENIX-1150693 Datasheet
353Kb / 3P
Connecting cable - PRC 3-CA-MF-H07-2,5-5,0
01/21/2022
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
logo
PHOENIX CONTACT
1837340 PHOENIX-1837340 Datasheet
226Kb / 7P
Cable housing - KGG-PC 4/ 5-F
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com