Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LISAPATCHCHASSIS2UHORBK Datasheet (PDF) - Huber+Suhner, Inc.

LISAPATCHCHASSIS2UHORBK Datasheet PDF - Huber+Suhner, Inc.
Part # LISAPATCHCHASSIS2UHORBK
Download  LISAPATCHCHASSIS2UHORBK Download
File Size   235.14 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description LISA patch chassis, 2U, Black

LISAPATCHCHASSIS2UHORBK Datasheet (PDF)

Go To PDF Page Download Datasheet
LISAPATCHCHASSIS2UHORBK Datasheet PDF - Huber+Suhner, Inc.

Part # LISAPATCHCHASSIS2UHORBK
Download  LISAPATCHCHASSIS2UHORBK Click to download

File Size   235.14 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description LISA patch chassis, 2U, Black

LISAPATCHCHASSIS2UHORBK Datasheet (HTML) - Huber+Suhner, Inc.


LISAPATCHCHASSIS2UHORBK Product details

Properties
• Integration of fiber
trays for pigtail splicing,
splice through or passive
component integration
modules
• Up to 72 fiber per height
unit (540 fibers per 7U tray
unit)
• 19" rear-mounting for
improved access to front
• Horizontal fiber tray
mounting maximizes
available height in rack
• Allows instant access
to patching tray and
its connectivity due to
runner mechanism
• Integral service loop for
patch cords
• Horizontal and vertical
patch cord guides
• Integrated patch cord
mandrels for bend radius
protection
• Patch cord retaining ring
ensures safe strain relief
of patch cords as exiting
the unit




Similar Part No. - LISAPATCHCHASSIS2UHORBK

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LISAPATCHCHASSIS2UHORGY HUBERSUHNER-LISAPATCHCHASSIS2UHORGY Datasheet
271Kb / 3P
LISA patch chassis, 2U, Grey
More results


Similar Description - LISAPATCHCHASSIS2UHORBK

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R206 PROTECHSYSTEMS-PCH-R206 Datasheet
97Kb / 1P
2U Rackmount Chassis
logo
AAEON Technology
ARC-625M AAEON-ARC-625M Datasheet
292Kb / 2P
2U Height 19??Rackmount Chassis
FWS-825 AAEON-FWS-825 Datasheet
893Kb / 2P
2U Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
logo
Cree, Inc
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
Lisa series
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
Lisa series
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
2U Compact Rackmount Chassis
logo
Ledil, Inc.
FP13030 LEDIL-FP13030 Datasheet
1Mb / 29P
Lisa Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com