Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R75PR4100CK30K Datasheet (PDF) - Kemet Corporation

R75PR4100CK30K Datasheet PDF - Kemet Corporation
Part # R75PR4100CK30K
Download  R75PR4100CK30K Download
File Size   238.28 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 10%, 630 VDC, 85°C, Lead Spacing = 27.5mm

R75PR4100CK30K Datasheet (PDF)

Go To PDF Page Download Datasheet
R75PR4100CK30K Datasheet PDF - Kemet Corporation

Part # R75PR4100CK30K
Download  R75PR4100CK30K Click to download

File Size   238.28 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description R75, Film, Metallized Polypropylene, General Purpose, 1 uF, 10%, 630 VDC, 85°C, Lead Spacing = 27.5mm

R75PR4100CK30K Datasheet (HTML) - Kemet Corporation


R75PR4100CK30K Product details

General Information
Series R75
Dielectric Metallized Polypropylene
Style Radial
Features Pulse
RoHS Yes
Lead Wire Leads
AEC-Q200 No
Typical Component
Weight 10.98 g
Miscellaneous Above 85C DC And AC Voltage Derating Is
1.25%/C.




Similar Part No. - R75PR4100CK30K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75PR41004030J KEMET-R75PR41004030J Datasheet
54Kb / 1P
Film, Metallized Polypropylene, Commercial Grade, R75, 1 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R75PR410050H3J KEMET-R75PR410050H3J Datasheet
58Kb / 1P
R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
R75PR410050L3J KEMET-R75PR410050L3J Datasheet
51Kb / 1P
R75, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 630 VDC, 85째C, Lead Spacing = 27.5mm
More results


Similar Description - R75PR4100CK30K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75PR41004030J KEMET-R75PR41004030J Datasheet
54Kb / 1P
Film, Metallized Polypropylene, Commercial Grade, R75, 1 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R76PR368050H4J KEMET-R76PR368050H4J Datasheet
57Kb / 1P
R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.68 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
R76PR412050H3J KEMET-R76PR412050H3J Datasheet
57Kb / 1P
R76_125C, Film, Double Metallized Polypropylene, General Purpose, 1.2 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
R76PR415050H3J KEMET-R76PR415050H3J Datasheet
57Kb / 1P
R76_125C, Film, Double Metallized Polypropylene, General Purpose, 1.5 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
R75IR44704050J KEMET-R75IR44704050J Datasheet
58Kb / 1P
R75, Film, Metallized Polypropylene, General Purpose, 4.7 uF, 5%, 250 VDC, 85째C, Lead Spacing = 27.5mm
R75PR410050L3J KEMET-R75PR410050L3J Datasheet
51Kb / 1P
R75, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 630 VDC, 85째C, Lead Spacing = 27.5mm
R75RR322050L4J KEMET-R75RR322050L4J Datasheet
50Kb / 1P
R75, Film, Metallized Polypropylene, General Purpose, 0.22 uF, 5%, 1250 VDC, 85째C, Lead Spacing = 27.5mm
R75QR339050L0J KEMET-R75QR339050L0J Datasheet
51Kb / 1P
R75, Film, Metallized Polypropylene, General Purpose, 0.39 uF, 5%, 1000 VDC, 85째C, Lead Spacing = 27.5mm
R71PI3100AA30K KEMET-R71PI3100AA30K Datasheet
226Kb / 1P
R71, Film, Metallized Polypropylene, General Purpose, 0.1 uF, 10%, 630 VDC, 105°C, Lead Spacing = 15mm
10/20/2022
R75QN3100AA00K KEMET-R75QN3100AA00K Datasheet
226Kb / 1P
R75, Film, Metallized Polypropylene, Automotive Grade, 0.1 uF, 10%, 1000 VDC, 85°C, Lead Spacing = 22.5mm
10/20/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com