Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1706197 Datasheet (PDF) - PHOENIX CONTACT

1706197 Datasheet PDF - PHOENIX CONTACT
Part # 1706197
Download  1706197 Download
File Size   525.73 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/10-G-2,54 P20THRR44C2 - PCB header

1706197 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706197 Datasheet PDF - PHOENIX CONTACT

Part # 1706197
Download  1706197 Click to download

File Size   525.73 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/10-G-2,54 P20THRR44C2 - PCB header

1706197 Datasheet (HTML) - PHOENIX CONTACT


1706197 Product details

PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: MC 0,5/..
-G-THR, pitch: 2.54 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2
mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC 0,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: 44 mm wide
tape, Fixed coding of the last position, can be combined with the FMC 0,5/...-ST-2,54 C2
connector

Your advantages
• Designed for integration into the SMT soldering process
• Additional solder anchors reduce the mechanical strain on the soldering spots
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting




Similar Part No. - 1706197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706193 PHOENIX-1706193 Datasheet
45Kb / 1P
MC 0,5/13-G-2,54 P20THRR56C2
1706195 PHOENIX-1706195 Datasheet
152Kb / 7P
Printed-circuit board connector - MC 0,5/11-G-2,54 P20THRR56C2
1706196 PHOENIX-1706196 Datasheet
192Kb / 5P
IDC 0,3/ 4-3,81
1706198 PHOENIX-1706198 Datasheet
45Kb / 1P
MC 0,5/ 9-G-2,54 P20THRR44C2
More results


Similar Description - 1706197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706198 PHOENIX-1706198 Datasheet
45Kb / 1P
MC 0,5/ 9-G-2,54 P20THRR44C2
1706200 PHOENIX-1706200 Datasheet
45Kb / 1P
MC 0,5/ 7-G-2,54 P20THRR44C2
1706201 PHOENIX-1706201 Datasheet
152Kb / 7P
Printed-circuit board connector - MC 0,5/ 6-G-2,54 P20THRR44C2
1706211 PHOENIX-1706211 Datasheet
44Kb / 1P
MC 0,5/13-G-2,54 P20THRR56C1
1706214 PHOENIX-1706214 Datasheet
44Kb / 1P
MC 0,5/10-G-2,54 P20THRR44C1
1706220 PHOENIX-1706220 Datasheet
44Kb / 1P
MC 0,5/ 6-G-2,54 P20THRR44C1
1706203 PHOENIX-1706203 Datasheet
152Kb / 7P
Printed-circuit board connector - MC 0,5/ 5-G-2,54 P20THRR44C2
1963502 PHOENIX-1963502 Datasheet
516Kb / 13P
PCB header - MC 0,5/10-G-2,5 THT
1706217 PHOENIX-1706217 Datasheet
535Kb / 11P
MC 0,5/ 8-G-2,54 P20THRR44C1 - PCB header
1821834 PHOENIX-1821834 Datasheet
459Kb / 12P
MC 0,5/16-G-2,54 SMD R72 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com