Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ34VPBF Datasheet (PDF) - International Rectifier

IRFIZ34VPBF Datasheet PDF - International Rectifier
Part # IRFIZ34VPBF
Download  IRFIZ34VPBF Download
File Size   214.29 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Process Technology

IRFIZ34VPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIZ34VPBF Datasheet PDF - International Rectifier

Part # IRFIZ34VPBF
Download  IRFIZ34VPBF Click to download

File Size   214.29 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Process Technology

IRFIZ34VPBF Datasheet (HTML) - International Rectifier


IRFIZ34VPBF Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Optimized for SMPS Applications
● Lead-Free




Similar Part No. - IRFIZ34VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ34V IRF-IRFIZ34V Datasheet
105Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A)
More results


Similar Description - IRFIZ34VPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com