Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4615100 Datasheet (PDF) - Turck, Inc.

4615100 Datasheet PDF - Turck, Inc.
Part # 4615100
Download  4615100 Download
File Size   1205.16 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Switching Distance

4615100 Datasheet (PDF)

Go To PDF Page Download Datasheet
4615100 Datasheet PDF - Turck, Inc.

Part # 4615100
Download  4615100 Click to download

File Size   1205.16 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Switching Distance

4615100 Datasheet (HTML) - Turck, Inc.


4615100 Product details

Features
■Threaded barrel, M18 x 1
■Chrome-plated brass
■Large sensing range
■DC 3-wire, 10…30 VDC
■NO contact, NPN output
■M12 x 1 male connector
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this, they use a
high-frequency electromagnetic AC field that
interacts with the target. Inductive sensors
generate this field via an RLC circuit with a
ferrite coil.




Similar Part No. - 4615100

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4615130 TURCK-4615130 Datasheet
369Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4615190 TURCK-4615190 Datasheet
387Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4615193 TURCK-4615193 Datasheet
388Kb / 3P
Inductive Sensor – With Weldguard® coating
11/07/2023
4615194 TURCK-4615194 Datasheet
387Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4615199 TURCK-4615199 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
More results


Similar Description - 4615100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
logo
Carlo Gavazzi Holding A...
ICB18S30F12NOM1 CARLOGAVAZZI-ICB18S30F12NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB12S30F06NOM1 CARLOGAVAZZI-ICB12S30F06NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB30S35F22NOM1 CARLOGAVAZZI-ICB30S35F22NOM1 Datasheet
755Kb / 4P
Proximity Inductive Sensors Increased Operating Distance
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com