Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1910830 Datasheet (PDF) - PHOENIX CONTACT

1910830 Datasheet PDF - PHOENIX CONTACT
Part # 1910830
Download  1910830 Download
File Size   283.02 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/ 3-STF - PCB connector

1910830 Datasheet (PDF)

Go To PDF Page Download Datasheet
1910830 Datasheet PDF - PHOENIX CONTACT

Part # 1910830
Download  1910830 Click to download

File Size   283.02 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/ 3-STF - PCB connector

1910830 Datasheet (HTML) - PHOENIX CONTACT


1910830 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: FKIC 2,5/..-
STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking:
Screw locking mechanism, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1910830

ManufacturerPart #DatasheetDescription
logo
Gems Sensors, Inc.
191080 GEMS-191080 Datasheet
1Mb / 2P
Small Size – Engineered Plastics LS-7 Series–Compact Side Mounts are the Solution to Many Small Tanks
logo
PHOENIX CONTACT
1910801 PHOENIX-1910801 Datasheet
94Kb / 5P
Printed-circuit board connector - FKIC 2,5/15-ST
1910814 PHOENIX-1910814 Datasheet
129Kb / 4P
FKIC 2,5/16-ST
1910827 PHOENIX-1910827 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 2-STF
1910843 PHOENIX-1910843 Datasheet
99Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 4-STF
More results


Similar Description - 1910830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910827 PHOENIX-1910827 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 2-STF
1910856 PHOENIX-1910856 Datasheet
93Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 5-STF
1910885 PHOENIX-1910885 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 8-STF
1910940 PHOENIX-1910940 Datasheet
93Kb / 5P
Printed-circuit board connector - FKIC 2,5/14-STF
1873566 PHOENIX-1873566 Datasheet
136Kb / 5P
FKIC 2,5/ 8-STF-5,08
1942714 PHOENIX-1942714 Datasheet
100Kb / 5P
Printed-circuit board connector - FKIC 2,5 HC/ 3-STF-5,08
1835481 PHOENIX-1835481 Datasheet
483Kb / 13P
PCB connector - MVSTBR 2,5/ 3-STF
Jul 20, 2022
1942604 PHOENIX-1942604 Datasheet
785Kb / 20P
PCB connector - FKIC 2,5 HC/ 3-ST-5,08
Jan 5, 2023
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1910539 PHOENIX-1910539 Datasheet
529Kb / 17P
FKC 2,5/ 3-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com