Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1054072 Datasheet (PDF) - PHOENIX CONTACT

1054072 Datasheet PDF - PHOENIX CONTACT
Part # 1054072
Download  1054072 Download
File Size   350.64 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/11-G1F-3,5-LR P35 - PCB header

1054072 Datasheet (PDF)

Go To PDF Page Download Datasheet
1054072 Datasheet PDF - PHOENIX CONTACT

Part # 1054072
Download  1054072 Click to download

File Size   350.64 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/11-G1F-3,5-LR P35 - PCB header

1054072 Datasheet (HTML) - PHOENIX CONTACT


1054072 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 22,
number of rows: 2, number of positions: 11, number of connections: 22, product range: DMCV
1,5/..-G1F, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.
5 mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release
threaded flange, type of packaging: packed in cardboard

Your advantages
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1054072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1054074 PHOENIX-1054074 Datasheet
350Kb / 10P
DMCV 1,5/13-G1F-3,5-LR P35 - PCB header
1054075 PHOENIX-1054075 Datasheet
359Kb / 10P
DMCV 1,5/14-G1F-3,5-LR P35 - PCB header
1054076 PHOENIX-1054076 Datasheet
359Kb / 10P
DMCV 1,5/15-G1F-3,5-LR P35 - PCB header
1054077 PHOENIX-1054077 Datasheet
349Kb / 10P
DMCV 1,5/16-G1F-3,5-LR P35 - PCB header
1054078 PHOENIX-1054078 Datasheet
349Kb / 10P
DMCV 1,5/17-G1F-3,5-LR P35 - PCB header
More results


Similar Description - 1054072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1053972 PHOENIX-1053972 Datasheet
362Kb / 10P
DMCV 1,5/ 2-G1F-3,5-LR P35 - PCB header
1053878 PHOENIX-1053878 Datasheet
476Kb / 11P
DMC 1,5/15-G1F-3,5-LR P35 - PCB header
1053977 PHOENIX-1053977 Datasheet
361Kb / 10P
DMCV 1,5/ 6-G1F-3,5-LR P35 - PCB header
1053884 PHOENIX-1053884 Datasheet
478Kb / 11P
DMC 1,5/ 4-G1F-3,5-LR P35 - PCB header
1054076 PHOENIX-1054076 Datasheet
359Kb / 10P
DMCV 1,5/15-G1F-3,5-LR P35 - PCB header
1054079 PHOENIX-1054079 Datasheet
357Kb / 10P
DMCV 1,5/18-G1F-3,5-LR P35 - PCB header
1053979 PHOENIX-1053979 Datasheet
360Kb / 10P
DMCV 1,5/ 7-G1F-3,5-LR P35 - PCB header
1054075 PHOENIX-1054075 Datasheet
359Kb / 10P
DMCV 1,5/14-G1F-3,5-LR P35 - PCB header
1054067 PHOENIX-1054067 Datasheet
351Kb / 10P
DMCV 1,5/ 9-G1F-3,5-LR P35 - PCB header
1054077 PHOENIX-1054077 Datasheet
349Kb / 10P
DMCV 1,5/16-G1F-3,5-LR P35 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com