Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1913950 Datasheet (PDF) - PHOENIX CONTACT

1913950 Datasheet PDF - PHOENIX CONTACT
Part # 1913950
Download  1913950 Download
File Size   429.99 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MPT 0,5/ 5-ST-3,5 - PCB connector

1913950 Datasheet (PDF)

Go To PDF Page Download Datasheet
1913950 Datasheet PDF - PHOENIX CONTACT

Part # 1913950
Download  1913950 Click to download

File Size   429.99 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MPT 0,5/ 5-ST-3,5 - PCB connector

1913950 Datasheet (HTML) - PHOENIX CONTACT


1913950 Product details

PCB connector, nominal cross section: 0.5 mm2, color: green, nominal current: 4 A, rated voltage
(III/2): 250 V, contact surface: Tin, contact connection type: Socket, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 10, product range: FK-MPT
0,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, pin layout: Linear pinning, plug-in system: COMBICON PST 1,0,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Potentials can be easily looped through – ideal for BUS applications
• Small component size for applications where space is at a premium




Similar Part No. - 1913950

ManufacturerPart #DatasheetDescription
logo
Lapp.
19139500 LAPP-19139500 Datasheet
129Kb / 2P
EPIC® H-B 32 TBF
29.08.2022
More results


Similar Description - 1913950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1891108 PHOENIX-1891108 Datasheet
140Kb / 5P
FK-MPT 0,5/ 6-3,5
1891124 PHOENIX-1891124 Datasheet
140Kb / 5P
FK-MPT 0,5/ 8-3,5
1928848 PHOENIX-1928848 Datasheet
141Kb / 5P
FK-MPT 0,5/10-3,5-H
1913921 PHOENIX-1913921 Datasheet
107Kb / 6P
PCB terminal block - FK-MPT 0,5/ 2-ST-3,5
1913934 PHOENIX-1913934 Datasheet
107Kb / 6P
PCB terminal block - FK-MPT 0,5/ 3-ST-3,5
1913963 PHOENIX-1913963 Datasheet
138Kb / 4P
FK-MPT 0,5/ 6-ST-3,5
1891098 PHOENIX-1891098 Datasheet
388Kb / 11P
PCB terminal block - FK-MPT 0,5/ 5-3,5
Jan 10, 2023
1913976 PHOENIX-1913976 Datasheet
420Kb / 10P
FK-MPT 0,5/ 7-ST-3,5 - PCB connector
1913947 PHOENIX-1913947 Datasheet
315Kb / 9P
FK-MPT 0,5/ 4-ST-3,5 - PCB connector
1913992 PHOENIX-1913992 Datasheet
426Kb / 10P
FK-MPT 0,5/ 9-ST-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com