Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L951DG Datasheet (PDF) - Winbond

W83L951DG Datasheet PDF - Winbond
Part # W83L951DG
Download  W83L951DG Download
File Size   984.33 Kbytes
Page   112 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Mobile Keyboard and Embedded Controller

W83L951DG Datasheet (PDF)

Go To PDF Page Download Datasheet
W83L951DG Datasheet PDF - Winbond

Part # W83L951DG
Download  W83L951DG Click to download

File Size   984.33 Kbytes
Page   112 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Mobile Keyboard and Embedded Controller

W83L951DG Datasheet (HTML) - Winbond


W83L951DG Product details

GENERAL DESCRIPTION

The Winbond mobile keyboard and embedded controller W83L951DG/FG architecture consists of a Turbo-8051 core logic controller and surrounded by various components, 2K+256 bytes of RAM, 64K on-chip FLASH, LPC host interface, 13 general purpose I/O port with 24 external interrupt source, 4 timers, 1 serial port, 2 SMBus interface for master mode, 3 PS/2 port, 2 PWM channels with 8-bits and 2 PWM channels with 16-bits, 2 D-A and 8 A-D converters, 1 Consumer Infrared Communications Receiver, 2 Fan Tachometer , 1 Real Time Clock Generator, and Matrix Interface. The part number with an affix of “G” is the Lead-free package product.



PRODUCT FEATURES

• Core logic

   8-bit Turbo 8052 Microprocessor Code based, Speed up to 24MHz

   256 bytes Internal RAM

   64K bytes Embedded Programmable Flash Memory

   2K bytes External SRAM

• Host interface

   Software Optional with LPC Interface

   Primary Programmable I/O Address Communication Port in LPC Mode

   Support SERIRQ in LPC Interface

   Support Hardware Fast Gate A20 and KBRST

   Support Port 92h

• SMBus

   Support 2 SMBus Interface support Master Mode.

• Timers

   Support Four Timer Signal with Three Pre-scalars

   Timer 1 and 2 Shard the Same Pre-scalar and are Free-Running Only.

   Timer X and Y Have Individual Pre-scalar and Support up to Four Control Modes, Free Running,

   Pulse Output, Event Counter and Pulse Width Measurement

• PWM

   Support Four PWM Channels

   PWM 0 and 1 are 8-bits and Programmable Frequency from 62Hz to 7.5 KHz

   PWM 2 and 3 are 16-bits and Programmable Frequency from 6Hz to 3MHz

• Fan Tachometer

   Support two Fan Tachometer Inputs

• A/D Converter

   Firmware Programmable Optional with 10-bite or 8-bit Resolution

   Support Eight Channels

• D/A Converter

   8-bit Resolution

   Support Two Channels

• PS2

   Support Three Hardware PS2 Channels

   Optional PS2 Clock Inhibit by Hardware or Firmware

• Keyboard Controller

   Support 16*8 Keyboard Matrix-scan, Expanding to 18*8 and 20*8

• GPIO

   Support 104 Useful GPIO Pins Totally and Bit–addressable to Facility Firmware Coding

• FLASH

   Support External On-Board 64K Flash via Matrix Interface (GP0, 1, 3)

• CIR

   Support Decoding for the NEC Consumer IR Remote Control Format

• RTC

   Real Time Clock Generator with 32.768 KHz Input

• ACPI

   Support ACPI Appliance

   Secondary Programmable I/O Address Communication Port in LPC Mode

• Package

   -Pin QFP and 128-Pin LQFP Leadfree Package Options, in compliance with the RoHS (Restriction on Hazardous Substances)



 




Similar Part No. - W83L951DG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
More results


Similar Description - W83L951DG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Microchip Technology
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC1404 MICROCHIP-MEC1404 Datasheet
6Mb / 572P
Keyboard and Embedded Controller Products for Notebook PC
07/14/15
MEC140X MICROCHIP-MEC140X Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com