Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1662006 Datasheet (PDF) - Turck, Inc.

1662006 Datasheet PDF - Turck, Inc.
Part # 1662006
Download  1662006 Download
File Size   991.37 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Switching Distance

1662006 Datasheet (PDF)

Go To PDF Page Download Datasheet
1662006 Datasheet PDF - Turck, Inc.

Part # 1662006
Download  1662006 Click to download

File Size   991.37 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Switching Distance

1662006 Datasheet (HTML) - Turck, Inc.


1662006 Product details

Features
■Rectangular, height 8 mm
■Active face on top
■Metal, Zamak, nickel-plated
■Factor 1 for all metals
■Increased switching distance
■Protection class IP68
■Resistant to magnetic fields
■Mountable on metal
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■Cable connection
Functional principle
Inductive sensors are designed for wear-free
and contactless detection of metal objects.
uprox+ sensors have significant advantages
due to their patented multi-coil system. They
excel thanks to their optimum switching
distances, maximum flexibility and operational
reliability as well as efficient standardization.




Similar Part No. - 1662006

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
16620060 TURCK-16620060 Datasheet
784Kb / 2P
Inductive Sensor – With Weldguard® coating and Viton/ Fiberglass sleeving
11/07/2023
More results


Similar Description - 1662006

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530074 MOLEX-1202530074 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance, Quasiembeddable
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com