Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008 Datasheet (PDF) - Austin Semiconductor

AS5C4008 Datasheet PDF - Austin Semiconductor
Part # AS5C4008
Download  AS5C4008 Download
File Size   333.29 Kbytes
Page   17 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 SRAM SRAM MEMORY ARRAY

AS5C4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C4008 Datasheet PDF - Austin Semiconductor

Part # AS5C4008
Download  AS5C4008 Click to download

File Size   333.29 Kbytes
Page   17 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 SRAM SRAM MEMORY ARRAY

AS5C4008 Datasheet (HTML) - Austin Semiconductor


AS5C4008 Product details

GENERAL DESCRIPTION
The AS5C4008 is a 4 megabit monolithic CMOS SRAM, organized as a 512K x 8.
The evolutionary 32 pin device allows for easy upgrades from the 1 meg SRAM.

FEATURES

• High Speed: 17, 20, 25, 35 and 45ns

• High-performance, low power military grade device

• Single +5V ±10% power supply

• Easy memory expansion with CE and OE options

• All inputs and outputs are TTL-compatible

• Ease of upgradability from 1 Meg using the 32 pin evolutionary version.




Similar Part No. - AS5C4008

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
All inputs and outputs are TTL-compatible
logo
Austin Semiconductor
AS5C4008CW-12/H AUSTIN-AS5C4008CW-12/H Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-12/LH AUSTIN-AS5C4008CW-12/LH Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-12L AUSTIN-AS5C4008CW-12L Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
More results


Similar Description - AS5C4008

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
512K x 8 SRAM
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
512K x 32 SRAM SRAM Memory Array MCM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com