Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1238561 Datasheet (PDF) - PHOENIX CONTACT

1238561 Datasheet PDF - PHOENIX CONTACT
Part # 1238561
Download  1238561 Download
File Size   300.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSS-4P-M16XL/1,0PEX - Device connector, rear mounting

1238561 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238561 Datasheet PDF - PHOENIX CONTACT

Part # 1238561
Download  1238561 Click to download

File Size   300.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSS-4P-M16XL/1,0PEX - Device connector, rear mounting

1238561 Datasheet (HTML) - PHOENIX CONTACT


1238561 Product details

Device connector, rear mounting, Power, 4-position, Socket, straight, M12-Standard, coding: S,
on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable length: 1 m, 1.31 mm2,
UL/cUL stranded hook-up wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238561

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238560 PHOENIX-1238560 Datasheet
317Kb / 8P
SACC-DSI-M12MSS-4P-M16XL/1,5PEX - Device connector rear mounting
1238562 PHOENIX-1238562 Datasheet
300Kb / 9P
SACC-DSI-M12FSS-4P-M16XL/1,5PEX - Device connector, rear mounting
1238563 PHOENIX-1238563 Datasheet
268Kb / 9P
SACC-DSI-M12MSL-4CON-M16XL/0,5X - Device connector rear mounting
1238564 PHOENIX-1238564 Datasheet
268Kb / 9P
SACC-DSI-M12MSL-4CON-M16XL/1,0X - Device connector rear mounting
1238565 PHOENIX-1238565 Datasheet
270Kb / 9P
SACC-DSI-M12MSL-4CON-M16XL/1,5X - Device connector rear mounting
More results


Similar Description - 1238561

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1162635 PHOENIX-1162635 Datasheet
122Kb / 7P
Flush-type connector - SACC-DSI-M12FSS-4P-M16XL/1,0PE
10/28/2020
1411584 PHOENIX-1411584 Datasheet
511Kb / 12P
SACC-DSI-M12FS-4P-M16XL/0,5 - Device connector, rear mounting
1411585 PHOENIX-1411585 Datasheet
502Kb / 12P
SACC-DSI-M12FSD-4P-M16XL/0,5 - Device connector, rear mounting
1411591 PHOENIX-1411591 Datasheet
454Kb / 12P
SACC-DSI-M12MS-4P-M16XL/0,5 - Device connector, rear mounting
1411598 PHOENIX-1411598 Datasheet
446Kb / 10P
SACC-DSI-M12FSS-4P-M16XL/0,5PE - Device connector, rear mounting
1411599 PHOENIX-1411599 Datasheet
345Kb / 9P
SACC-DSI-M12FST-4P-M16XL/0,5 - Device connector, rear mounting
1411603 PHOENIX-1411603 Datasheet
522Kb / 11P
SACC-DSI-M12MSS-4P-M16XL/0,5PE - Device connector, rear mounting
1411604 PHOENIX-1411604 Datasheet
346Kb / 9P
SACC-DSI-M12MST-4P-M16XL/0,5 - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1411592 PHOENIX-1411592 Datasheet
503Kb / 12P
SACC-DSI-M12MSD-4P-M16XL/0,5 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com