Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1239947 Datasheet (PDF) - PHOENIX CONTACT

1239947 Datasheet PDF - PHOENIX CONTACT
Part # 1239947
Download  1239947 Download
File Size   432.3 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12FSD-4CON-M16/0,5-931X - Device connector, rear mounting

1239947 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239947 Datasheet PDF - PHOENIX CONTACT

Part # 1239947
Download  1239947 Click to download

File Size   432.3 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12FSD-4CON-M16/0,5-931X - Device connector, rear mounting

1239947 Datasheet (HTML) - PHOENIX CONTACT


1239947 Product details

Device connector, rear mounting, Ethernet CAT5 (100 Mbps), Ethernet, 4-position, PUR, water
blue RAL 5021, shielded, Socket, straight, M12, coding: D, on free cable end, Rear mounting,
M16 x 1.5, Cable connection, cable length: 0.5 m, Ethernet flexible CAT5, 2-pair, Item is leadfree
in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1239947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239941 PHOENIX-1239941 Datasheet
461Kb / 12P
SACCBP-M12MSB-5CON-M16/2,0-900X - Device connector rear mounting
1239942 PHOENIX-1239942 Datasheet
461Kb / 12P
SACCBP-M12MSB-5CON-M16/5,0-900X - Device connector rear mounting
1239948 PHOENIX-1239948 Datasheet
432Kb / 13P
SACCBP-M12FSD-4CON-M16/1,0-931X - Device connector, rear mounting
1239949 PHOENIX-1239949 Datasheet
432Kb / 13P
SACCBP-M12FSD-4CON-M16/5,0-931X - Device connector, rear mounting
More results


Similar Description - 1239947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1552366 PHOENIX-1552366 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/2,0-933 - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
1429059 PHOENIX-1429059 Datasheet
380Kb / 9P
SACCBP-M12MS-6CON-M16/0,5-970 - Device connector, rear mounting
1239935 PHOENIX-1239935 Datasheet
302Kb / 9P
SACCBP-M12FS-5CON-M16/0,5-920X - Device connector, rear mounting
1534504 PHOENIX-1534504 Datasheet
535Kb / 13P
SACCBP-M12MSB-5CON-M16/0,5-900 - Device connector, rear mounting
1552379 PHOENIX-1552379 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/5,0-933 - Device connector, rear mounting
1239949 PHOENIX-1239949 Datasheet
432Kb / 13P
SACCBP-M12FSD-4CON-M16/5,0-931X - Device connector, rear mounting
1239591 PHOENIX-1239591 Datasheet
365Kb / 8P
SACCBP-M12MS-6CON-M16/0,5-970X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com