Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1650140 Datasheet (PDF) - Turck, Inc.

1650140 Datasheet PDF - Turck, Inc.
Part # 1650140
Download  1650140 Download
File Size   205.76 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Monitoring Kit for Power Clamps

1650140 Datasheet (PDF)

Go To PDF Page Download Datasheet
1650140 Datasheet PDF - Turck, Inc.

Part # 1650140
Download  1650140 Click to download

File Size   205.76 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Monitoring Kit for Power Clamps

1650140 Datasheet (HTML) - Turck, Inc.


1650140 Product details

Features
■BDS power block with two integrated sensors
and LEDs
■Robust rotatable connector 0°, 45° and 90°,
for optimal cable routing
■Plastic, Trogamid
■Resistant to magnetic fields (weld-resistant),
for DC and AC fields up to 100 mT
■2 x NO contact, PNP output
■DC 4-wire, 10…30 VDC
Functional principle
TURCK offers special monitoring kits, consisting
of two miniature sensors, as a convenient
solution for "Open/Closed" detection on
pneumatic power clamps. This product
line provides almost unlimited combination
possibilities, comprising four different power
blocks and over 40 different modular sensor
types.




Similar Part No. - 1650140

ManufacturerPart #DatasheetDescription
logo
KNIPEX
1650145E01 KNIPEX-1650145E01 Datasheet
78Kb / 1P
Product information 16 50 145 E01
04.02.2024
1650145E02 KNIPEX-1650145E02 Datasheet
78Kb / 1P
Product information 16 50 145 E02
04.02.2024
1650145SB KNIPEX-1650145SB Datasheet
79Kb / 1P
Product information 16 50 145 SB
04.02.2024
More results


Similar Description - 1650140

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6841A KEYSIGHT-N6841A Datasheet
4Mb / 19P
N6841A RF Sensor for Signal Monitoring Networks
N6841ARF KEYSIGHT-N6841ARF Datasheet
4Mb / 19P
RF Sensor for Signal Monitoring Networks
logo
Pepperl+Fuchs Inc.
NBXX-F58E1X3-E8-V1 PF-NBXX-F58E1X3-E8-V1 Datasheet
293Kb / 3P
Inductive power clamp sensor
NBN2-F581-100S6-E8-V1 PF-NBN2-F581-100S6-E8-V1 Datasheet
224Kb / 2P
Inductive power clamp sensor
NBN2-F583W-60S3-E8-V1 PF-NBN2-F583W-60S3-E8-V1 Datasheet
221Kb / 2P
Inductive power clamp sensor
NBN2-F58E-100S3-E8-V1 PF-NBN2-F58E-100S3-E8-V1 Datasheet
263Kb / 3P
Inductive power clamp sensor
NBN2-F581-160S6-E10-V1 PF-NBN2-F581-160S6-E10-V1 Datasheet
235Kb / 2P
Inductive power clamp sensor
logo
Advantech Co., Ltd.
BB-WSK-HAC-2 ADVANTECH-BB-WSK-HAC-2 Datasheet
411Kb / 2P
Wzzard??HVAC Monitoring Starter Kit
logo
STMicroelectronics
STEVAL-PROTEUS1 STMICROELECTRONICS-STEVAL-PROTEUS1 Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
logo
Pepperl+Fuchs Inc.
NBN2-F581-100S6-E10-V1 PF-NBN2-F581-100S6-E10-V1 Datasheet
341Kb / 3P
Inductive power clamp sensor
2022-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com