Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9NK95Z Datasheet (PDF) - Unisonic Technologies

9NK95Z Datasheet PDF - Unisonic Technologies
Part # 9NK95Z
Download  9NK95Z Download
File Size   231.0 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9.0A, 950V N-CHANNEL POWER MOSFET

9NK95Z Datasheet (PDF)

Go To PDF Page Download Datasheet
9NK95Z Datasheet PDF - Unisonic Technologies

Part # 9NK95Z
Download  9NK95Z Click to download

File Size   231.0 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9.0A, 950V N-CHANNEL POWER MOSFET

9NK95Z Datasheet (HTML) - Unisonic Technologies


9NK95Z Product details

 DESCRIPTION
The UTC 9NK95Z is a silicon N-channel MOSFET, it uses
UTC’s advanced technology to provide the customers with a
minimum on state resistance, high switching speed and low gate
charge.
 FEATURES
* RDS(ON) ≤ 1.38 Ω @ VGS=10V, ID=4.5A
* High switching speed
* Low input capacitance
* With ESD protection





Similar Description - 9NK95Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
logo
Unisonic Technologies
9N95 UTC-9N95 Datasheet
263Kb / 6P
9A, 950V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MS6N95 BWTECH-MS6N95 Datasheet
541Kb / 4P
950V N-Channel MOSFET
logo
KIA Semiconductor Techn...
4820N KIA-4820N Datasheet
308Kb / 6P
9.0A竊?00V N-CHANNEL MOSFET
KNX4820B KIA-KNX4820B Datasheet
468Kb / 8P
9.0A竊?00V N-CHANNEL MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
logo
Infineon Technologies A...
IPA95R750P7 INFINEON-IPA95R750P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-31
IPN95R1K2P7 INFINEON-IPN95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
logo
VBsemi Electronics Co.,...
VBM195R06 VBSEMI-VBM195R06 Datasheet
983Kb / 11P
N-Channel 950V (D-S ) Super Junction Power MOSFET
VBM195R09 VBSEMI-VBM195R09 Datasheet
983Kb / 11P
N-Channel 950V (D-S ) Super Junction Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com