Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS628436 Datasheet (PDF) - Texas Instruments

TPS628436 Datasheet PDF - Texas Instruments
Part # TPS628436
Download  TPS628436 Download
File Size   2063.9 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters

TPS628436 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628436 Datasheet PDF - Texas Instruments

Part # TPS628436
Download  TPS628436 Click to download

File Size   2063.9 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters

TPS628436 Datasheet (HTML) - Texas Instruments


TPS628436 Product details

1 Features
• 1.8-V to 5.5-V input voltage range
• 0.4-V to 3.6-V output voltage range
• 275-nA typical quiescent current
• 600-mA output current
• 1% output voltage accuracy
• 4-nA typical shutdown current
• Output discharge
• VSET pin-selectable output voltage through a
single resistor
– TPS628436: 0.4 V to 0.8 V
– TPS628437: 0.8 V to 1.8 V
– TPS628438: 1.8 V to 3.6 V
• Optimized for small passive components
– 1-μH inductor
– Down to 4.7-μF COUT
• High PSRR (up to 83 dB)
• Low output voltage ripple in power save mode
• RF-friendly and fast transient DCS-Control
• Automatic transition to no ripple 100% mode
• 0603-inductor and 0402-capacitor size supported
• Tiny 6-pin, 0.35-mm pitch WCSP package with
0.84mm² size
• Pin-to-pin compatible to the TPS6280x family (1 A)
in WCSP package
• Available in a 1.60-mm × 1.60-mm SOT563
package

2 Applications
• Wearable electronics
• Headsets, headphones, and earbuds
• Mobile phones
• Medical sensor patches
• Hearing aid

3 Description
The TPS62843 is a high-efficiency, step-down
converter family with ultra-low operating quiescent
current of typically 275 nA. The device features a 4-
nA shutdown (typical) current when disabled.
The device uses DCS-Control with a low and RFfriendly
output voltage ripple to power radios.
The device operates with a typical switching
frequency of 1.5 MHz and extends a high efficiency
at light-load down to 100-μA load current and below.
3 x 18 pre-defined output voltages can be selected
by connecting a resistor to the VSET pin, making
the family usable across various applications with a
minimum set of passive components.




Similar Part No. - TPS628436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628436 TI-TPS628436 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
TPS628436 TI-TPS628436 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
TPS628436 TI1-TPS628436 Datasheet
1Mb / 33P
TPS62843 1.8V to 5.5V, 600mA, 275nA IQ, Small-Size Step-Down Converters
JUNE 2024
TPS628436DRLR TI1-TPS628436DRLR Datasheet
1Mb / 33P
TPS62843 1.8V to 5.5V, 600mA, 275nA IQ, Small-Size Step-Down Converters
JUNE 2024
TPS628436YKAR TI-TPS628436YKAR Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
More results


Similar Description - TPS628436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63900 TI1-TPS63900 Datasheet
1Mb / 31P
TPS63900 1.8-V to 5.5-V, 400-mA, 200-nA Quiescent Current Buck-Boost Converter
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS62843 TI-TPS62843 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
TPS62843 TI-TPS62843_V01 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com