Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65113A6158 Datasheet (PDF) - OSRAM GmbH

Q65113A6158 Datasheet PDF - OSRAM GmbH
Part # Q65113A6158
Download  Q65113A6158 Download
File Size   1889.59 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.

Q65113A6158 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65113A6158 Datasheet PDF - OSRAM GmbH

Part # Q65113A6158
Download  Q65113A6158 Click to download

File Size   1889.59 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.

Q65113A6158 Datasheet (HTML) - OSRAM GmbH


Q65113A6158 Product details

Features
- Package: clear silicone
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- SMT package
- Suitable for SMT assembly
- Available on tape and reel
- Emitters can be controlled separately





Similar Part No. - Q65113A6158

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65113A6157 OSRAM-Q65113A6157 Datasheet
1Mb / 23P
The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
Version 1.0 2023-11-09
More results


Similar Description - Q65113A6158

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM1101 BOARDCOM-BCM1101 Datasheet
121Kb / 2P
THE MOST HIGHLY INTEGRATED SILICON SOLUTION FOR FEATURE ENGANCED VOICE OVER IP ENTERPRISE PHONES
logo
OSRAM GmbH
SFH7710 OSRAM-SFH7710 Datasheet
149Kb / 10P
SMD Kippsensor mit digitalem Ausgang (SFH 7710) SMD Orientation-Sensor with digital output (SFH 7710) Lead (Pb) Free Product - RoHS Compliant
logo
RMT Ltd.
1MD06-071 RMT-1MD06-071 Datasheet
364Kb / 4P
The feature of this series of miniature TE modules is an increased cooling capacity
1MD06-097 RMT-1MD06-097 Datasheet
369Kb / 4P
The feature of this series of miniature TE modules is an increased cooling capacity
1MD06-127 RMT-1MD06-127 Datasheet
361Kb / 4P
The feature of this series of miniature TE modules is an increased cooling capacity
logo
STMicroelectronics
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
logo
SMSC Corporation
EVB-USB2640 SMSC-EVB-USB2640 Datasheet
1Mb / 5P
Features the USB2640 in a 48 Pin QFN RoHS compliant package
EVB-USB5537 SMSC-EVB-USB5537 Datasheet
229Kb / 5P
Features the USB5537 in a 72-pin QFN RoHS compliant package
logo
Ultralife Corporation.
URB6450 ULTRALIFE-URB6450 Datasheet
664Kb / 2P
Significantly lighter weight for the same amount of energy
Rev: C
logo
NXP Semiconductors
MC9S08AC128 NXP-MC9S08AC128 Datasheet
958Kb / 42P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com