Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404141 Datasheet (PDF) - PHOENIX CONTACT

1404141 Datasheet PDF - PHOENIX CONTACT
Part # 1404141
Download  1404141 Download
File Size   534.25 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 5,0-PUR SH - Sensor/actuator cable

1404141 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404141 Datasheet PDF - PHOENIX CONTACT

Part # 1404141
Download  1404141 Click to download

File Size   534.25 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 5,0-PUR SH - Sensor/actuator cable

1404141 Datasheet (HTML) - PHOENIX CONTACT


1404141 Product details

Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug straight M8, coding: A, on free cable end, cable length: 5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save space – with high-pos. connectors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1404141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404140 PHOENIX-1404140 Datasheet
534Kb / 17P
SAC-8P-M 8MS/ 3,0-PUR SH - Sensor/actuator cable
1404142 PHOENIX-1404142 Datasheet
194Kb / 5P
VS-PPC-C1-RJ45-POBK-PG9-4Q5-OL - RJ45 connector
1404147 PHOENIX-1404147 Datasheet
534Kb / 17P
SAC-8P- 1,5-PUR/M 8FS SH - Sensor/actuator cable
1404148 PHOENIX-1404148 Datasheet
525Kb / 17P
SAC-8P- 3,0-PUR/M 8FS SH - Sensor/actuator cable
1404149 PHOENIX-1404149 Datasheet
525Kb / 17P
SAC-8P- 5,0-PUR/M 8FS SH - Sensor/actuator cable
More results


Similar Description - 1404141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407794 PHOENIX-1407794 Datasheet
141Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SH SCO
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1521986 PHOENIX-1521986 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M 8FR SH
09/11/2020
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1571525 PHOENIX-1571525 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M 8MS/ 5,0-PUR/M 8FSSH
12/06/2018
1681800 PHOENIX-1681800 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-4P-M 8MS/5,0-PUR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com