Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5124 Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5124 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5124
Download  MBI5124 Download
File Size   1040.63 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16 Channel Constant Current LED Driver with Ghosting Elimination

MBI5124 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5124 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5124
Download  MBI5124 Click to download

File Size   1040.63 Kbytes
Page   23 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16 Channel Constant Current LED Driver with Ghosting Elimination

MBI5124 Datasheet (HTML) - List of Unclassifed Manufacturers


MBI5124 Product details

Features
 16 constant-current output channels
 Constant output current invariant to load voltage change:
Constant output current range:
1-25mA@VDD=5V;
1-10mA@VDD=3.3V
 Excellent output current accuracy:
between channels: ±1.5% (typ.) and ±2.5% (max.)
between ICs: ±1.5% (typ.) and ±3% (max.)
 Output current adjusted through an external resistor
 Fast response of output current, OE(min.): 50ns with good uniformity
between output channels
 Integrating ghosting elimination
 Staggered delay of output
 25MHz clock frequency
 Schmitt trigger input
 3.3V/ 5V supply voltage
 “Pb-free & Green” Package




Similar Part No. - MBI5124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5153 ETC2-MBI5153 Datasheet
232Kb / 1P
16-Channel PWM Constant Current LED Driver for 1:32 Time-Multiplexing Applications
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5168CD ETC1-MBI5168CD Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5168CDW ETC1-MBI5168CDW Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5168CN ETC1-MBI5168CN Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5124

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
16-Channel Constant Current LED Driver
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
16 Channel Constant Current LED Driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
Unisonic Technologies
UD8973 UTC-UD8973 Datasheet
213Kb / 6P
LED DISPLAY CONTROL CIRCUIT WITH GHOSTING EFFECT ELIMINATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com