|
DESCRIPTION The ZR36730 Vaddis IV DVD decoder is targeted at fourth generation DVD and convergence products. With its high level of integration and flexibility, the ZR36730 is a versatile digital video and audio processor. This new generation part builds upon Zoran’s success in the DVD market, incorporating enhanced audio and video functionality. Leading audio algorithms, such as HDCD, MP3, DTS, Dolby Digital, Pro Logic, and MPEG 5.1 decoding are supported in this single chip solution. FEATURES ■ Single Chip DVD Decoder Solution ■ Multiple Standard Support: CVD, SuperVCD, VideoCD, DVCD ■ DVD-Audio Support ■ Integrated 54 MIPS Audio DSP ■ Embedded NTSC/PAL Encoder w/ 10-bit Video DACs ■ DTS™, Dolby Digital™, Pro Logic™, and MPEG 5.1 Audio Decoding ■ Virtual Surround Sound, 3D Headphones, Music Modes ■ Enhanced Karaoke ■ Simultaneous 2 Channel, 6 Channel, and S/PDIF Audio Outputs ■ Image Enhancement Filtering: Progressive Interpolation, Sharpening, and Brightness Equalization ■ Advanced Trick Play Features including Zoom, Smooth Scan ■ Enhanced On-Screen-Display with 32 Colors and 8 Blending Levels ■ Functionally Compatible with Vaddis Family Decoders ■ 176-pin TQFP Package ■ 1.1 W Power Consumption in full operation ■ 0.25 Micron Technology
|