Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAD5112 Datasheet (PDF) - Texas Instruments

TAD5112 Datasheet PDF - Texas Instruments
Part # TAD5112
Download  TAD5112 Download
File Size   4642.29 Kbytes
Page   142 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAD5112 stereo audio DAC with 106dB dynamic range

TAD5112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAD5112 Datasheet PDF - Texas Instruments

Part # TAD5112
Download  TAD5112 Click to download

File Size   4642.29 Kbytes
Page   142 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAD5112 stereo audio DAC with 106dB dynamic range

TAD5112 Datasheet (HTML) - Texas Instruments


TAD5112 Product details

1 Features
• DAC performance:
– DAC to Line Out Dynamic Range: 106 dB
– DAC to HP Out Dynamic Range: 102 dB
– THD+N: –95 dB
• Head Phone/Line Out output voltage:
– Differential, 2-VRMS full-scale
– Single-ended, 1-VRMS full-scale
• DAC sample Rates (fs) = 8KHz to 768KHz
• Analog Input to Output By-pass
• Battery Protection
• Signal Distortion Limiter
• Thermal Foldback
• Low Latency Filter Selection
• Programmable HPF and Biquad Filters
• I2C & SPI Control Interface
• Audio Serial Interface
– Format: TDM, I2S or Left Justified
– Word Length: 16,20,24 or 32 Bits
• Programmable PLL for Flexible Clocking
• Low Power Modes
– TBD mW for Playback
• Single Supply Operation: 1.8V or 3.3V
• I/O Supply Operation: 1.2V or 1.8V or 3.3V

2 Applications
• Telematics control unit
• Automotive head unit
• Digital cockpit processing unit
• Rear seat entertainment
• Reconfigurable instrument cluster

3 Description
The TAD5112 is a Stereo 2VRMS DAC. The TAD5112
supports both differential and Single Ended input
and output. DAC Output can be configured for
either Line Out or Head Phone Load. TAD5112 can
drive upto TBD mW into a Headphone Load. The
TAD5112 integrates programable channel gain, digital
volume control, a low-jitter phase-locked loop (PLL),
a programmable high-pass filter (HPF), programmable
EQ and biquad filters, low-latency filter modes, and
allows for sample rates up to 768 kHz. The TAD5112
supports Analog Input to Output Bypass option. Data
from Analog-In and Digital-In can be mixed inside the
device as well. The TAD5112 supports time-division
multiplexing (TDM), I2S, or left-justified (LJ) audio
formats, and can be controlled with I2C or SPI. These
integrated high-performance features, along with a
single supply operation, make TAD5112 an excellent
choice for space-constrained audio applications.




Similar Part No. - TAD5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAD5112 TI1-TAD5112 Datasheet
4Mb / 140P
TAD5112-Q1 stereo audio DAC with 106dB dynamic range
DECEMBER 2023
TAD5112 TI1-TAD5112 Datasheet
8Mb / 228P
TAD5112 Low-power stereo audio DAC with 110dB dynamic range, and headphone/ line driver
JANUARY 2025
TAD5112 TI1-TAD5112 Datasheet
8Mb / 227P
TAD5112-Q1 Automotive Low-Power Stereo audio DAC with 110dB Dynamic Range and Headphone/Line Driver
MARCH 2025
TAD5112-Q1 TI1-TAD5112-Q1 Datasheet
4Mb / 140P
TAD5112-Q1 stereo audio DAC with 106dB dynamic range
DECEMBER 2023
TAD5112-Q1 TI1-TAD5112-Q1 Datasheet
8Mb / 228P
TAD5112 Low-power stereo audio DAC with 110dB dynamic range, and headphone/ line driver
JANUARY 2025
More results


Similar Description - TAD5112

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com