Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61299 Datasheet (PDF) - Texas Instruments

TPS61299 Datasheet PDF - Texas Instruments
Part # TPS61299
Download  TPS61299 Download
File Size   3661.02 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS61299-Q1 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61299 Datasheet PDF - Texas Instruments

Part # TPS61299
Download  TPS61299 Click to download

File Size   3661.02 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS61299-Q1 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (HTML) - Texas Instruments


TPS61299 Product details

1 Features
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 0.5V to 5.5V
• 0.7V minimum input voltage for start-up
• Input operating voltage down to 150mV with signal
VIN > 0.7V
• Output voltage range: 1.8V to 5.5V VSEL pin
select output voltage
• Average input current limit: 1.2A
• 95nA typical quiescent current from VOUT
• 60nA typical shutdown current from VIN and SW
• Up to 91% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT = 10μA
• Up to 94 % efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT = 200mA
• True disconnection at EN low
• Automatic PFM/PWM mode transition
• Auto pass-through at VIN > VOUT
• Output SCP and thermal shutdown protections
• SOT563 package (1.6mm x 1.6mm)

2 Applications
• Automotive infotainment and cluster
• Automotive rear lighting
• Advanced driver-assistance system (ADAS)

3 Description
The TPS61299-Q1 is a synchronous boost converter
with 95nA ultra-low quiescent current and average
input current limit. The device provides a power
solution for portable equipment with alkaline battery
and coin cell battery. This device operates at high
efficiency under light-load condition to achieve long
operation time and average input current limit can
avoid battery discharging with high current.
The TPS61299-Q1 has wide input voltage range from
0.5V to 5.5V and output voltage range from 1.8V to
5.5V. The average input current limit of this device is
1.2A. The TPS61299-Q1 with 1.2A current limit can
support up to 500mA output current from 3V to 5V
conversion and achieve approximately 94% efficiency
at 200mA load.
The TPS61299-Q1 has optional fast-load transient
performance at output voltage is 4.5V, 5V, or 5.5V.
The TPS61299-Q1 supports true shutdown function
when it is disabled.
TThe TPS61299-Q1 offers a very small solution size
with 1.6mm × 1.6mm SOT563 package.




Similar Part No. - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61299 TI-TPS61299 Datasheet
3Mb / 31P
TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance
MARCH 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
4Mb / 42P
TPS61299x/xA 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance
JUNE 2024
More results


Similar Description - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61299 TI-TPS61299 Datasheet
3Mb / 31P
TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance
MARCH 2023
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Texas Instruments
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com