Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1522150 Datasheet (PDF) - PHOENIX CONTACT

1522150 Datasheet PDF - PHOENIX CONTACT
Part # 1522150
Download  1522150 Download
File Size   571.68 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MR/ 3,0-PUR - Sensor/actuator cable

1522150 Datasheet (PDF)

Go To PDF Page Download Datasheet
1522150 Datasheet PDF - PHOENIX CONTACT

Part # 1522150
Download  1522150 Click to download

File Size   571.68 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MR/ 3,0-PUR - Sensor/actuator cable

1522150 Datasheet (HTML) - PHOENIX CONTACT


1522150 Product details

Sensor/actuator cable, 6-position, PUR halogen-free, black-gray RAL 7021, Plug angled M8,
coding: A, on free cable end, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components




Similar Part No. - 1522150

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152210-0000GB 3M-152210-0000GB Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
152210-0000GG 3M-152210-0000GG Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152210-0000GG 3M-152210-0000GG Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
152210-0003GB 3M-152210-0003GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
More results


Similar Description - 1522150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417701 PHOENIX-1417701 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8SIFS
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1417698 PHOENIX-1417698 Datasheet
120Kb / 9P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M 8SIFS AE
09/11/2020
1415583 PHOENIX-1415583 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/3,0-PVC/M 8FR
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
1529470 PHOENIX-1529470 Datasheet
88Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8MS
12/06/2018
1671784 PHOENIX-1671784 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-3PQ-3,0-PUR/M 8FR
09/11/2020
1682090 PHOENIX-1682090 Datasheet
171Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MR/ 3,0-PUR/M 8FR
09/11/2020
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com