Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE35 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

SE35 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # SE35
Download  SE35 Download
File Size   1051.26 Kbytes
Page   20 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Inline positive displacement (PD) flowmeter or Inline batch controller

SE35 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE35 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # SE35
Download  SE35 Click to download

File Size   1051.26 Kbytes
Page   20 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Inline positive displacement (PD) flowmeter or Inline batch controller

SE35 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


SE35 Product details

The device Type SE35 + S077 is specially designed for continuous flow measurement
of highly viscous fluids like glue, honey or oil. slightly aggressive, solid-free
liquids. The device is provided as flowmeter or batch controller.
The device is made up of a compact Inline sensor-fitting with oval gears (Type S077)
and a transmitter with display (Type SE35). The device is quickly and easily assembled
thanks to a bayonet mounting and locking system. The Bürkert “Inline quarter-
turn” technology ensures a leakage-free operation.
The Bürkert designed sensor-fitting system ensures simple installation of the
devices into all pipelines from DN 15…DN 100.
The flowmeter is specially designed to switch a valve and to establish a monitoring
system or an On/Off control loop.
The batch controller is designed to carry out a dosing of one or several quantities
of liquids, when mounted in series in a pipe with one or two valves.
Type description




Similar Part No. - SE35

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
SE35 BURKERT-SE35 Datasheet
1Mb / 22P
Inline sensor-fitting with paddle wheel for flow measure-ment
15.01.2024
logo
Littelfuse
SE350 LITTELFUSE-SE350 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
SE3505-LF SEAWARD-SE3505-LF Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
SE3506 SEAWARD-SE3506 Datasheet
240Kb / 6P
White LED Step-Up Converter
More results


Similar Description - SE35

ManufacturerPart #DatasheetDescription
logo
CUI INC
IA-MS6335 CUI-IA-MS6335 Datasheet
282Kb / 3P
AUDIO INLINE ADAPTER
IA-MM3563 CUI-IA-MM3563 Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
logo
PHOENIX CONTACT
2727608 PHOENIX-2727608 Datasheet
90Kb / 3P
Inline connector, colored
2729622 PHOENIX-2729622 Datasheet
60Kb / 3P
Connector set, for Inline Remote Field Controller
2737083 PHOENIX-2737083 Datasheet
43Kb / 2P
Connector set for the Inline controller
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
Pulse/batch controller
logo
CUI Devices
IA-MM2535 CUID-IA-MM2535 Datasheet
306Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MM6335B CUID-IA-MM6335B Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS2535 CUID-IA-MS2535 Datasheet
310Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-S2S3535 CUID-IA-S2S3535 Datasheet
311Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com