Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548D26 Datasheet (PDF) - Texas Instruments

TPS548D26 Datasheet PDF - Texas Instruments
Part # TPS548D26_V01
Download  TPS548D26 Download
File Size   2689.08 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS548D26 4V to 16V Input, 40A Synchronous Buck Converter With Differential Remote Sense

TPS548D26 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS548D26 Datasheet PDF - Texas Instruments

Part # TPS548D26_V01
Download  TPS548D26 Click to download

File Size   2689.08 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS548D26 4V to 16V Input, 40A Synchronous Buck Converter With Differential Remote Sense

TPS548D26 Datasheet (HTML) - Texas Instruments


TPS548D26 Product details

1 Features
• Integrated 4.0mΩ and 1.0mΩ MOSFETs for 40A
continuous current operation
• Supports external 5V bias improving efficiency and
enabling 2.7V minimum input voltage
• 0.6V to 5.5V output voltage range
• Precision voltage reference and differential remote
sense for high output accuracy
– ±0.5% VOUT tolerance from 0°C to 85°C TJ
– ±1% VOUT tolerance from –40°C to 125°C TJ
• D-CAP+™ control topology with fast transient
response, supporting all ceramic output capacitors
• Selectable internal loop compensation through SS
pin
• Selectable cycle-by-cycle valley current limit
• Selectable operation frequency 0.6MHz to 1.2MHz
with DCM or FCCM operation
• Safe start-up into prebiased outputs
• Programmable soft-start time from 0.75ms to 6ms
• Open-drain power-good output (PG)
• Overcurrent, overvoltage, undervoltage, and
overtemperature protections with selectable hiccup
or latch-off response
• 5mm × 6mm, 37-pin WQFN-FCRLF package

2 Applications
• Server and cloud-computing POLs
• Hardware accelerator
• Data center switches

3 Description
The TPS548D26 device is a highly integrated buck
converter with D-CAP+ control topology for fast
transient response. Because external compensation
is not required, the device is easy to use and requires
few external components. The device is well-designed
for space-constrained data center applications.
The TPS548D26 device has true differential remote
sense, high-performance integrated MOSFETs, and
an accurate ±1%, 0.6V reference over the full
operating junction temperature range. The device
features fast load-transient response, accurate
load regulation and line regulation, skip-mode
or FCCM operation, and programmable soft-start
time. Overcurrent, overvoltage, undervoltage, and
overtemperature protections are provided with
selectable hiccup or latch-off response.
The TPS548D26 device is a lead-free device and is
RoHS compliant without exemption.




Similar Part No. - TPS548D26_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results


Similar Description - TPS548D26_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Texas Instruments
TPS548A28 TI1-TPS548A28 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A29 TI1-TPS548A29 Datasheet
2Mb / 46P
TPS548A29 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A28 TI1-TPS548A28_V01 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPSM8A29 TI-TPSM8A29 Datasheet
2Mb / 46P
TPSM8A29 2.7-V to 16-V Input, 15-A Buck Power Module with Differential Remote Sense
AUGUST 2021
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com