Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1003503 Datasheet (PDF) - Turck, Inc.

1003503 Datasheet PDF - Turck, Inc.
Part # 1003503
Download  1003503 Download
File Size   427.94 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Temperature Range

1003503 Datasheet (PDF)

Go To PDF Page Download Datasheet
1003503 Datasheet PDF - Turck, Inc.

Part # 1003503
Download  1003503 Click to download

File Size   427.94 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Increased Temperature Range

1003503 Datasheet (HTML) - Turck, Inc.


1003503 Product details

Features
■Threaded barrel, M8 x 1
■Stainless steel, 1.4427 SO
■Temperatures up to +100 °C
■DC 2-wire, nom. 8.2 VDC
■Output acc. to DIN EN 60947-5-6 (NAMUR)
■M12 x 1 male connector
■ATEX category II 1 G, Ex Zone 0 at
temperatures up to +80 °C
■ATEX category II 2 G. Ex Zone 1
■ATEX category II 1 D, Ex Zone 20 for
temperatures up to +70°C
■SIL 2 (Low Demand Mode) acc. to IEC
61508, PL c acc. to ISO 13849-1 at HFT0
■SIL 3 (All Demand Mode) acc. to IEC 61508,
PL e acc. to ISO 13849-1 with redundant
configuration HTF1
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.
Special versions are available for ambient
temperatures between ‐60°C and +250°C.




Similar Part No. - 1003503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100350 FAIRCHILD-100350 Datasheet
74Kb / 7P
Low Power Hex D-Type Latch
logo
List of Unclassifed Man...
1003500300 ETC2-1003500300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Fairchild Semiconductor
100350PC FAIRCHILD-100350PC Datasheet
74Kb / 7P
Low Power Hex D-Type Latch
100350QC FAIRCHILD-100350QC Datasheet
74Kb / 7P
Low Power Hex D-Type Latch
More results


Similar Description - 1003503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CTBQ DIODES-SBR30A60CTBQ Datasheet
242Kb / 5P
Reduced high temperature reverse leakage; increased reliability
Rev erse
SBR1045D1Q DIODES-SBR1045D1Q Datasheet
126Kb / 5P
Reduced high temperature reverse leakage; increased reliability
Rev erse
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
Rev erse
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Carlo Gavazzi Holding A...
ICB18S30F12NOM1 CARLOGAVAZZI-ICB18S30F12NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB12S30F06NOM1 CARLOGAVAZZI-ICB12S30F06NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB30S35F22NOM1 CARLOGAVAZZI-ICB30S35F22NOM1 Datasheet
755Kb / 4P
Proximity Inductive Sensors Increased Operating Distance
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
logo
Endress+Hauser Group Se...
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com