Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS0304E Datasheet (PDF) - NXP Semiconductors

NTS0304E Datasheet PDF - NXP Semiconductors
Part # NTS0304E
Download  NTS0304E Download
File Size   464.85 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit dual supply translating transceiver; open drain; auto direction sensing

NTS0304E Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS0304E Datasheet PDF - NXP Semiconductors

Part # NTS0304E
Download  NTS0304E Click to download

File Size   464.85 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit dual supply translating transceiver; open drain; auto direction sensing

NTS0304E Datasheet (HTML) - NXP Semiconductors


NTS0304E Product details

1 General description
The NTS0304E is a 4-bit, dual supply translating transceiver family with auto direction sensing, that enables
bidirectional voltage level translation. It features eight 1-bit input-output ports (A and B), one output enable input
(OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at any voltage between 0.95 V and 3.6 V.
VCC(B) can be supplied at any voltage between 1.65 V and 5.5 V. This flexibility makes the device suitable for
translating between any of the voltage nodes (0.95 V, 1.2 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins A and OE are
referenced to VCC(A) and pin B is referenced to VCC(B). A LOW level at pin OE causes the outputs to assume a
high-impedance OFF-state.

2 Features and benefits
• Wide supply voltage range:
– VCC(A): 0.95 V to 3.6 V and VCC(B): 1.65 V to 5.5 V
• No power-sequencing required
• Maximum data rate
– Open-drain: 2 Mbps
– Push-pull: 20 Mbps
• Longer one-shot pulse for driving larger capacitive loads with much reduced ringing and overshoot
• A-side and OE inputs accept voltages up to 3.6 V and are 3.6 V tolerant
• B-side inputs accept voltages up to 5.5 V and are 5.5 V tolerant
• ESD protection:
– IEC 61000-4-2 Class 4, 8 kV contact for B-side port
– HBM JESD22-A114E Class 2 exceeds 2000 V for both ports
– CDM JESD22-C101E exceeds 1000 V for both ports
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Package options: TSSOP14 and WLCSP12
• Specified from -40 °C to +125 °C

3 Applications
• I2C/SMBus, UART
• GPIO




Similar Part No. - NTS0304E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0304E NXP-NTS0304E Datasheet
680Kb / 26P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-01 February 2019
NTS0304E NXP-NTS0304E Datasheet
456Kb / 27P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTS0304EPW NXP-NTS0304EPW Datasheet
680Kb / 26P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-01 February 2019
NTS0304EPW NXP-NTS0304EPW Datasheet
456Kb / 27P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTS0304EPWJ NXP-NTS0304EPWJ Datasheet
456Kb / 27P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
More results


Similar Description - NTS0304E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0304E NXP-NTS0304E Datasheet
680Kb / 26P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-01 February 2019
NTS0304E NXP-NTS0304E_V01 Datasheet
456Kb / 27P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com