Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1535546 Datasheet (PDF) - Turck, Inc.

1535546 Datasheet PDF - Turck, Inc.
Part # 1535546
Download  1535546 Download
File Size   263.94 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Analog Output

1535546 Datasheet (PDF)

Go To PDF Page Download Datasheet
1535546 Datasheet PDF - Turck, Inc.

Part # 1535546
Download  1535546 Click to download

File Size   263.94 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Analog Output

1535546 Datasheet (HTML) - Turck, Inc.


1535546 Product details

Features
■Rectangular, height 14 mm
■Plastic, PBT‐GF30‐V0
■Sensitivity adjusted via potentiometer
■Thickness measurement (e.g. screws, rivets,
rods)
■Path measurement with conical actuator:
Measuring range freely adjustable via cone
length
■3‐wire, 15…30 VDC
■Analog output
■0…10 V
■Cable connection
Functional principle
Inductive TURCK sensors with analog output
accomplish simple control tasks. They provide a
current, voltage or frequency signal proportional
to the target's distance. The output signal is
linear to the distance of the target over the
entire sensing range.




Similar Part No. - 1535546

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1535540 TURCK-1535540 Datasheet
408Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1535543 TURCK-1535543 Datasheet
450Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1535544 TURCK-1535544 Datasheet
319Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1535545 TURCK-1535545 Datasheet
338Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1535547 TURCK-1535547 Datasheet
335Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
More results


Similar Description - 1535546

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
IA6-12GM35-U-V1 PF-IA6-12GM35-U-V1 Datasheet
252Kb / 2P
Inductive analog sensor
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
Inductive analog sensor
NBN15-30GM60-I3 PF-NBN15-30GM60-I3 Datasheet
130Kb / 1P
Inductive analog sensor
924AB3HM-L2P PF-924AB3HM-L2P Datasheet
128Kb / 1P
Inductive analog sensor
NBB5-18GM60-I PF-NBB5-18GM60-I Datasheet
238Kb / 2P
Inductive analog sensor
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
Inductive analog sensor
NBN15-30GM60-I3-5M PF-NBN15-30GM60-I3-5M Datasheet
795Kb / 2P
Inductive analog sensor
2022-06-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com