Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584047 Datasheet (PDF) - Turck, Inc.

1584047 Datasheet PDF - Turck, Inc.
Part # 1584047
Download  1584047 Download
File Size   262.95 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – For Use in Vehicle Board Nets

1584047 Datasheet (PDF)

Go To PDF Page Download Datasheet
1584047 Datasheet PDF - Turck, Inc.

Part # 1584047
Download  1584047 Click to download

File Size   262.95 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – For Use in Vehicle Board Nets

1584047 Datasheet (HTML) - Turck, Inc.


1584047 Product details

Features
■Rectangular, height 20 mm
■Active face on top
■Plastic, PBT-GF30-V0
■For vehicle board nets, 12 V and 24 V
■Increased interference immunity 100 V/m
radiated acc. ISO 11452-4 and 100 mA BCI
acc. to ISO 11452-2
■Load-dump protection acc. to DIN ISO
7637-2 (SAE J 113-11)
■Extended temperature range
■High protection class IP68/IP69K
■Protection against salt spray and rapid
temperature change
■Laser engraved label, permanently legible
■DC 4-wire, 8.4…65 VDC
■Changeover contact, PNP output
■Cable connection
Functional principle
Maximum reliability even under the most
extreme environmental conditions is guaranteed
by our sensors for mobile applications.
TURCK's inductive sensors for extremely hostile
industrial environments not only meet, but
even exceed the requirements of the protection
classes IP68 and IP69.
Applied in vehicles for road construction or in
agricultural machines, these sensors excel in
high vibration and shock resistance and they
withstand fast temperature cycles.




Similar Part No. - 1584047

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1584041 TURCK-1584041 Datasheet
272Kb / 3P
Inductive Sensor – For Use in Vehicle Board Nets
11/07/2023
1584042 TURCK-1584042 Datasheet
287Kb / 3P
Inductive Sensor – For Use in Vehicle Board Nets
11/07/2023
logo
PHOENIX CONTACT
1584046 PHOENIX-1584046 Datasheet
99Kb / 4P
Contact insert - HC-DD24-I-CT-F
More results


Similar Description - 1584047

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1IVN27-A NEXPERIA-PESD1IVN27-A Datasheet
255Kb / 13P
ESD protection for In-vehicle networks
PESD1IVN24-A NEXPERIA-PESD1IVN24-A Datasheet
255Kb / 12P
ESD protection for In-vehicle networks
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
320Kb / 14P
ESD protection for In-vehicle networks
6 October 2022
PESD1IVN27LS-Q NEXPERIA-PESD1IVN27LS-Q Datasheet
230Kb / 11P
ESD protection for in-vehicle networks
4 August 2022
PESD2CANFD24VT-Q NEXPERIA-PESD2CANFD24VT-Q Datasheet
288Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36UT-Q NEXPERIA-PESD2CANFD36UT-Q Datasheet
218Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD2CANFD36UU-Q NEXPERIA-PESD2CANFD36UU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD2CANFD24U-QB NEXPERIA-PESD2CANFD24U-QB Datasheet
293Kb / 12P
ESD protection for In-vehicle networks
30 September 2020
PESD2CANFD27U-QB NEXPERIA-PESD2CANFD27U-QB Datasheet
293Kb / 12P
ESD protection for In-vehicle networks
30 September 2020
PESD2CANFD27V-U NEXPERIA-PESD2CANFD27V-U Datasheet
292Kb / 13P
ESD protection for In-vehicle networks
11 August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com