Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDS552DBZR Datasheet (PDF) - Texas Instruments

PESDS552DBZR Datasheet PDF - Texas Instruments
Part # PESDS552DBZR
Download  PESDS552DBZR Download
File Size   1000.63 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESDS552 12V Bi-Directional Surge Protection Diode in SOT-23

PESDS552DBZR Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDS552DBZR Datasheet PDF - Texas Instruments

Part # PESDS552DBZR
Download  PESDS552DBZR Click to download

File Size   1000.63 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESDS552 12V Bi-Directional Surge Protection Diode in SOT-23

PESDS552DBZR Datasheet (HTML) - Texas Instruments


PESDS552DBZR Product details

1 Features
• IEC 61000-4-5 surge protection:
– 25A (8/20μs)
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• 12V working voltage
• Bidirectional polarity to support positive and
negative voltage swings
• 2 channel device provides complete ESD/Surge
protection with single component
• Small, leaded SOT-23 allows low cost automatic
optical inspection (AOI)

2 Applications
• End equipment:
– Factory automation and control
– Building automation
– Grid infrastructure
– HVAC systems
– Security systems
• Interfaces:
– RS-485
– RS-422

3 Description
The ESDS552 is a bidirectional ESD and surge
protection diode for RS-485 and RS-422 interface
protection. The ESDS552 is rated to dissipate ESD
strikes beyond the maximum level specified in the
IEC 61000-4-2 international standard (±30kV Contact,
±30kV Air-gap). The device can clamp 8/20μs surges
with peak pulse currents up to 25A in accordance with
the IEC 61000-4-5 standard.
The low dynamic resistance and low clamping voltage
help protect systems against transient events. This
protection is key because industrial systems require a
high level of robustness and reliability.
The ESDS552 is available in a small leaded SOT-23
(DBZ) package.




Similar Part No. - PESDS552DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PESDS552DBZR TI1-PESDS552DBZR Datasheet
844Kb / 14P
ESDS552 12-V Bi-Directional Surge Protection Diode in SOT-23
DECEMBER 2023
More results


Similar Description - PESDS552DBZR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
logo
Vishay Siliconix
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
Single-Line ESD-Protection Diode in SOT-23
01-Jul-10
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
logo
Infineon Technologies A...
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
ESD203-B1-02ELS INFINEON-ESD203-B1-02ELS Datasheet
842Kb / 14P
Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
logo
Vishay Siliconix
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
Dual-Line ESD Protection Diode in SOT-23
16-Jan-2019
logo
Texas Instruments
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM24B TI-TSM24B Datasheet
1Mb / 14P
TSM24B Unidirectional Surge Protection Device in SOT-23
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com