Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7049-103 Datasheet (PDF) - Enercon Technologies Europe AG

M7049-103 Datasheet PDF - Enercon Technologies Europe AG
Part # M7049-103
Download  M7049-103 Download
File Size   1164.78 Kbytes
Page   14 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 28Vdc output, 750W Switching-regulator Module for Permanent Magnet Generator (PMG) applications.

M7049-103 Datasheet (PDF)

Go To PDF Page Download Datasheet
M7049-103 Datasheet PDF - Enercon Technologies Europe AG

Part # M7049-103
Download  M7049-103 Click to download

File Size   1164.78 Kbytes
Page   14 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 28Vdc output, 750W Switching-regulator Module for Permanent Magnet Generator (PMG) applications.

M7049-103 Datasheet (HTML) - Enercon Technologies Europe AG


M7049-103 Product details

Main Features
• 900W/30 sec. Over-load capability
• Up to 8 Modules can be paralleled (current-share), supporting up to 6KW load (7.2KW for 30 seconds).
• Built-in EMI Input & Output Filters
• 30 to 200 VDC input voltage range, compatible with the rectified output of most PMG’s.
• Crowbar over voltage protection
• Overload, Over-voltage, and Over-temp protections
• No external capacitors required
• No minimum load required
• Base-plate cooled (by external heatsink)
• On/Off input and BIT output.
• Remote Sense lines.
• Upon request, the output voltage can be factory trimmed above or below 28Vdc.

General Description
M7049-103 is a 750W high efficiency switching regulator, that when fed from the rectified output of a 3-phase Permanent Magnet Generator (PMG), will provides a well-regulated, filtered, and protected 28VDC Output. The M7049-103 is designed for parallel current-sharing operation, allowing the user to parallel up to eight M7049-103 units and supports up to 6KW (7.2KW for 30 sec.). For typical application see Figure 1. Note: P/N M7049-103 is identical to M7049-102 but without the pre-assembled “Piggyback” I/O filter board that provides additional filtering and convenient Bus-bars terminals. The M7049-103 is intended for users who cannot accommodate the additional 16mm that the I/O filter board adds to the 42mm depth of the Module.




Similar Part No. - M7049-103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
M7040N-066ZA1T STMICROELECTRONICS-M7040N-066ZA1T Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
M7040N-083ZA1T STMICROELECTRONICS-M7040N-083ZA1T Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
M7040N-100ZA1T STMICROELECTRONICS-M7040N-100ZA1T Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
More results


Similar Description - M7049-103

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M1005 PIC-PIC-M1005 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
Permanent Magnet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com