Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2533020201601 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2533020201601 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2533020201601
Download  2533020201601 Download
File Size   780.13 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WSEN-ITDS 3 Axis Acceleration Sensor

2533020201601 Datasheet (PDF)

Go To PDF Page Download Datasheet
2533020201601 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2533020201601
Download  2533020201601 Click to download

File Size   780.13 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WSEN-ITDS 3 Axis Acceleration Sensor

2533020201601 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


2533020201601 Product details

General Information:
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Communication interface I2C, SPI
Moisture Sensitivity Level (MSL) 1
Electrostatic discharge
protection (HBM) 2 kV




Similar Part No. - 2533020201601

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
25330202016011 WURTH-25330202016011 Datasheet
752Kb / 7P
WSEN-ITDS 3 Axis Acceleration Sensor
003.000
More results


Similar Description - 2533020201601

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
3-AXIS MAGNETIC SENSOR
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
Piezoresisitive 3-Axis Acceleration Sensor
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
Digital Output Type 3-axis Acceleration Sensor
logo
Honeywell Solid State E...
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
3-Axis Magnetic Sensor
logo
Pepperl+Fuchs Inc.
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
Acceleration sensor
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
logo
Wurth Elektronik GmbH &...
2521020222501 WURTH-2521020222501 Datasheet
577Kb / 6P
WSEN-TIDS Temperature sensor IC
001.000
2513130810001 WURTH-2513130810001 Datasheet
617Kb / 7P
WSEN-PDUS Differential Pressure Sensor
001.000
2536030320001 WURTH-2536030320001 Datasheet
823Kb / 8P
WSEN-ISDS IMU 6 Axis Sensor
REVISION 001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com