Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14037 Datasheet (PDF) - Turck, Inc.

14037 Datasheet PDF - Turck, Inc.
Part # 14037
Download  14037 Download
File Size   277.36 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Ring Sensor

14037 Datasheet (PDF)

Go To PDF Page Download Datasheet
14037 Datasheet PDF - Turck, Inc.

Part # 14037
Download  14037 Click to download

File Size   277.36 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – Ring Sensor

14037 Datasheet (HTML) - Turck, Inc.


14037 Product details

Features
■Rectangular, height 30 mm
■Plastic, PA12‐GF30
■Pulse duration 100 ms
■Sensitivity adjusted via potentiometer
■DC 3-wire, 10…30 VDC
■Dynamic output behaviour
■NO contact, NPN output
■M12 x 1 male connector
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. Inductive
ring sensors generate this field through an LC
resonant circuit. The target acts as the coil core.




Similar Part No. - 14037

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403725 PHOENIX-1403725 Datasheet
98Kb / 5P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1403727 PHOENIX-1403727 Datasheet
89Kb / 5P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1403729 PHOENIX-1403729 Datasheet
95Kb / 5P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1403731 PHOENIX-1403731 Datasheet
344Kb / 8P
QPD W 4PE2,5 9-16 M20 0,5 BK - Panel feed-through
1403733 PHOENIX-1403733 Datasheet
84Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
More results


Similar Description - 14037

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RC15-14-N0 PF-RC15-14-N0 Datasheet
232Kb / 2P
Inductive ring sensor
RC15-14-N3-Y115615 PF-RC15-14-N3-Y115615 Datasheet
177Kb / 2P
Inductive ring sensor
RJ15-14-N PF-RJ15-14-N Datasheet
204Kb / 2P
Inductive ring sensor
RJ15-N PF-RJ15-N Datasheet
229Kb / 2P
Inductive ring sensor
RJ21-E2 PF-RJ21-E2 Datasheet
173Kb / 1P
Inductive ring sensor
RC10-14-N0-Y95902 PF-RC10-14-N0-Y95902 Datasheet
170Kb / 2P
Inductive ring sensor
RC10-14-N0-Y180779 PF-RC10-14-N0-Y180779 Datasheet
198Kb / 2P
Inductive ring sensor
RC10-14-N3-Y110970 PF-RC10-14-N3-Y110970 Datasheet
171Kb / 2P
Inductive ring sensor
RC10-14-N3-Y187454 PF-RC10-14-N3-Y187454 Datasheet
173Kb / 2P
Inductive ring sensor
RC15-14-N0-Y95903 PF-RC15-14-N0-Y95903 Datasheet
170Kb / 2P
Inductive ring sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com